Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 197Page - Renesas Technology Corp R8C/14 Datasheet HTML 198Page - Renesas Technology Corp R8C/14 Datasheet HTML 199Page - Renesas Technology Corp R8C/14 Datasheet HTML 200Page - Renesas Technology Corp R8C/14 Datasheet HTML 201Page - Renesas Technology Corp R8C/14 Datasheet HTML 202Page - Renesas Technology Corp R8C/14 Datasheet HTML 203Page - Renesas Technology Corp R8C/14 Datasheet HTML 204Page - Renesas Technology Corp R8C/14 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 277 page
background image
R8C/14 Group, R8C/15 Group
17. Programmable I/O Ports
Rev.2.10
Jan 19, 2006
Page 189 of 253
REJ09B0164-0210
X: “0” or “1”
X: “0” or “1”
X: “0” or “1”
X: “0” or “1”
Table 17.14
Port P3_5/SSCK/CMP1_2 Setting
Register
PD3
PUR0
SSU (Refer to Table 15.3 Association
between Communication Modes and I/O
Pins)
TCOUT
Function
Bit
PD3_5
PU07
SSCK Output Control
SSCK Input Control
TCOUT5
Setting
Value
0
0
0
0
0
Input port (not pulled up)
0
1
0
0
0
Input port (pulled up)
0
0
0
1
0
SSCK input
1
X
0
0
0
Output port
X
X
0
0
1
CMP1_2 output
X
X
1
0
X
SSCK output
Table 17.15
Port P3_7/CNTR0/SSO Setting
Register
PD3
PUR0
SSU (Refer to Table 15.3 Association
between Communication Modes and
I/O Pins)
TXMR
UCON
Function
Bit
PD3_7
PU07
SSO Output
Control
SSO Input
Control
TXOCNT
U1SEL1,
U1SEL0
Setting
Value
0
0
0
0
0
0Xb
Input port (not pulled up)
0
1
0
0
0
0Xb
Input port (pulled up)
1
X
0
0
0
0Xb
Output port
X
X
0
0
1
XXb
CNTR0 output pin
X
X
0
1
X
XXb
SSO input pin
X
X
1
0
X
XXb
SSO output pin
Table 17.16
Port XIN/P4_6, XOUT/P4_7 Setting
Register
CM1
CM1
CM0
Circuit Specification
Function
Bit
CM13
CM10
CM05
Oscillation
Buffer
Feedback
Resistance
Setting
Value
1
1
1
OFF
OFF
XIN-XOUT oscillation stop
101
OFF
ON
External input to XIN pin, “H” output
from XOUT pin
1
0
1
OFF
ON
XIN-XOUT oscillation stop
1
0
0
ON
ON
XIN-XOUT oscillation
0
X
X
OFF
OFF
Input port
Table 17.17
Port P4_5/INT0 Setting
Register
PD4
PUR1
INTEN
Function
Bit
PD4_5
PU11
INT0EN
Setting
Value
0
0
0
Input port (not pulled up)
0
1
0
Input port (pulled up)
00
1
INT0 input
1
X
X
Output port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com