Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 199Page - Renesas Technology Corp R8C/14 Datasheet HTML 200Page - Renesas Technology Corp R8C/14 Datasheet HTML 201Page - Renesas Technology Corp R8C/14 Datasheet HTML 202Page - Renesas Technology Corp R8C/14 Datasheet HTML 203Page - Renesas Technology Corp R8C/14 Datasheet HTML 204Page - Renesas Technology Corp R8C/14 Datasheet HTML 205Page - Renesas Technology Corp R8C/14 Datasheet HTML 206Page - Renesas Technology Corp R8C/14 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 277 page
background image
R8C/14 Group, R8C/15 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 191 of 253
REJ09B0164-0210
18. Flash Memory Version
18.1
Overview
In the flash memory version, rewrite operations to the flash memory can be performed in three modes
;
CPU rewrite, standard serial I/O, parallel I/O modes.
Table 18.1 lists the Flash Memory Version Performance (see Table 1.1 Performance Outline of the R8C/
14 Group and Table 1.2 Performance Outline of the R8C/15 Group for the items not listed on Table
18.1).
NOTES:
1. Definition of program and erase endurance.
The program and erase endurance is defined to be per-block. When the program and erase
endurance is n times (n=100 or 10,000 times), to erase n times per block is possible. For example, if
performing one-byte write to the distinct addresses on Block A of 1K-byte block 1,024 times and
then erasing that block, the program and erase endurance is counted as one time. If rewriting more
than 100 times, execute the program until the blank areas are all used to reduce the substantial
rewrite endurance and then erase. Do not rewrite only particular blocks and rewrite to average the
program and erase endurance to each block. Also keep the erase endurance as information and set
up the limit endurance.
2. Blocks A and B are embedded only in the R8C/15 group.
Table 18.1
Flash Memory Version Performance
Item
Specification
Flash Memory Operating Mode
3 modes (CPU rewrite, standard serial I/O, and parallel I/O mode)
Division of Erase Block
See Figure 18.1 and Figure 18.2
Program Method
Byte unit
Erase Method
Block erase
Program, Erase Control Method
Program and erase control by software command
Rewrite Control Method
Rewrite control for Block 0 and 1 by FMR02 bit in FMR0 register
Rewrite control for Block 0 by FMR16 bit and Block 1 by FMR16 bit
Number of Commands
5 commands
Program and
Erase
Endurance(1)
Block0 and 1
(Program ROM)
R8C/14 Group : 100 times ; R8C/15 Group : 1,000 times
BlockA and B
(Data flash)(2)
10,000 times
ID Code Check Function
Standard serial I/O mode supported
ROM Code Protect
For parallel I/O mode supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com