Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 202Page - Renesas Technology Corp R8C/14 Datasheet HTML 203Page - Renesas Technology Corp R8C/14 Datasheet HTML 204Page - Renesas Technology Corp R8C/14 Datasheet HTML 205Page - Renesas Technology Corp R8C/14 Datasheet HTML 206Page - Renesas Technology Corp R8C/14 Datasheet HTML 207Page - Renesas Technology Corp R8C/14 Datasheet HTML 208Page - Renesas Technology Corp R8C/14 Datasheet HTML 209Page - Renesas Technology Corp R8C/14 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 277 page
background image
R8C/14 Group, R8C/15 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 194 of 253
REJ09B0164-0210
Figure 18.2
Flash Memory Block Diagram for R8C/15 Group
0C000h
User ROM Area
0DFFFh
0E000h
0FFFFh
Boot ROM Area
(Reserved Area)(2)
0E000h
0FFFFh
NOTES:
1. When setting the FMR02 bit in the FMR0 register to “1” (enables to rewrite) and the FMR15 bit in the FMR1 register to “0” (enables to
rewrite), Block 0 is rewritable. When setting the FMR16 bit to “0” (enables to rewrite), Block 1 is rewritable (only for CPU rewrite mode).
2. This area is to store the boot program provided by Renesas Technology.
02400h
02BFFh
0D000h
User ROM Area
0DFFFh
0E000h
0FFFFh
02400h
02BFFh
User ROM Area
0E000h
0FFFFh
02400h
02BFFh
Block 1 : 8 Kbytes(1)
Block 0 : 8 Kbytes(1)
8 Kbytes
Block B : 1 Kbyte
Block A : 1 Kbyte
Block 1 : 4 Kbytes(1)
Block 0 : 8 Kbytes(1)
Block B : 1 Kbyte
Block A : 1 Kbyte
Block 0 : 8 Kbytes(1)
Block B : 1 Kbyte
Block A : 1 Kbyte
12 Kbytes ROM Product
8 Kbytes ROM Product
16 Kbytes ROM Product
Program ROM
Data flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com