Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 211Page - Renesas Technology Corp R8C/14 Datasheet HTML 212Page - Renesas Technology Corp R8C/14 Datasheet HTML 213Page - Renesas Technology Corp R8C/14 Datasheet HTML 214Page - Renesas Technology Corp R8C/14 Datasheet HTML 215Page - Renesas Technology Corp R8C/14 Datasheet HTML 216Page - Renesas Technology Corp R8C/14 Datasheet HTML 217Page - Renesas Technology Corp R8C/14 Datasheet HTML 218Page - Renesas Technology Corp R8C/14 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 277 page
background image
R8C/14 Group, R8C/15 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 203 of 253
REJ09B0164-0210
Figure 18.8 shows the How to Set and Exit EW0 Mode. Figure 18.9 shows the How to Set and Exit
EW1 Mode.
Figure 18.8
How to Set and Exit EW0 Mode
Figure 18.9
How to Set and Exit EW1 Mode
Set CM0 and CM1 registers(1)
Transfer a rewrite control program which uses CPU
rewrite mode to any areas other than the flash
memory
Jump to the rewrite control program which has been
transferred to any areas other than the flash memory
(The subsequent process is executed by the rewrite
control program in any areas other than the flash
memory)
Set the FMR01 bit by writing “0” and then “1”
(CPU rewrite mode enabled)(2)
Execute the read array command(3)
Execute software commands
Write “0” to the FMR01 bit
(CPU rewrite mode disabled)
Jump to a specified address in the flash memory
Rewrite Control Program
NOTES :
1. Select 5MHz or below for the CPU clock by the CM06 bit in the CM0 register and the CM16 to CM17 bits in the CM1 register.
2. When setting the FMR01 bit to “1”, write “0” to the FMR01 bit before writing “1”. Do not generate an interrupt between writing “0” and
“1”.
3. Disable the CPU rewrite mode after executing the read array command.
EW0 Mode Operating Procedure
Write “0” to the FMR01 bit before writing “1”
(CPU rewrite mode enabled)(1)
Write “0” to the FMR11 bit before writing “1”
(EW1 mode)
Execute Software Commands
Write “0” to the FMR01 bit
(CPU rewrite mode disabled)
NOTES :
1. When setting the FMR01 bit to “1”, write “0” to the FMR01 bit before writing “1”.
Do not generate an interrupt between writing “0” and “1”.
EW1 Mode Operating Procedure
Program in ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com