Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 212Page - Renesas Technology Corp R8C/14 Datasheet HTML 213Page - Renesas Technology Corp R8C/14 Datasheet HTML 214Page - Renesas Technology Corp R8C/14 Datasheet HTML 215Page - Renesas Technology Corp R8C/14 Datasheet HTML 216Page - Renesas Technology Corp R8C/14 Datasheet HTML 217Page - Renesas Technology Corp R8C/14 Datasheet HTML 218Page - Renesas Technology Corp R8C/14 Datasheet HTML 219Page - Renesas Technology Corp R8C/14 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 277 page
background image
R8C/14 Group, R8C/15 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 204 of 253
REJ09B0164-0210
Figure 18.10
Process to Reduce Power Consumption in On-Chip Oscillator Mode (Main Clock
Stops)
Transfer a on-chip oscillator mode (main clock stops)
program to any areas other the flash memory
Jump to the on-chip oscillator mode (main clock stops)
program which has been transferred to any areas other
the flash memory.
(The subsequent processing is executed by a program
in any areas other than the flash memory.)
Write “0” to the FMR01 bit before writing “1”
(CPU rewrite mode enabled)
Switch the clock source for the CPU clock.
Turn XIN off
Process in on-chip oscillator mode (main
clock stops)
Write “0” to the FMR01 bit
(CPU rewrite mode disabled)
Jump to a specified address in the flash memory
On-Chip Oscillator Mode
(Main Clock Stops) Program
NOTES :
1. Set the FMR01 bit to “1” (CPU rewrite mode) before setting the FMSTP bit to “1” .
2. Before the clock source for CPU clock can be changed, the clock to which to be changed must be stable.
3. Insert a 15us wait time in a program. Do not access to the flash memory during this wait time.
4. Ensure 10us until setting “0” (flash memory operates) after setting the FMSTP bit to “1” (flash memory stops).
Write “1” to the FMSTP bit (Flash memory
stops. Low power consumption state)(1)
Wait until the flash memory circuit stabilizes
(15ms)(3)
Write “0” to the FMSTP bit
(flash memory operation)(4)
Turn main clock on
→wait until oscillation
stabilizes
→switch the clock source for CPU
clock(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com