Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 254Page - Renesas Technology Corp R8C/14 Datasheet HTML 255Page - Renesas Technology Corp R8C/14 Datasheet HTML 256Page - Renesas Technology Corp R8C/14 Datasheet HTML 257Page - Renesas Technology Corp R8C/14 Datasheet HTML 258Page - Renesas Technology Corp R8C/14 Datasheet HTML 259Page - Renesas Technology Corp R8C/14 Datasheet HTML 260Page - Renesas Technology Corp R8C/14 Datasheet HTML 261Page - Renesas Technology Corp R8C/14 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 277 page
background image
R8C/14 Group, R8C/15 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 246 of 253
REJ09B0164-0210
NOTES:
1. Do not use the address match interrupt while the command is executed because the vector of the
address match interrupt is allocated on ROM.
2. Do not use the non-maskable interrupt while Block 0 is automatically erased because the fixed
vector is allocated Block 0.
Table 20.2
Interrupt in EW1 Mode
Mod
e
Status
When maskable interrupt request
is acknowledged
When watchdog timer, oscillation stop
detection and voltage monitor 2 interrupt
request are acknowledged
EW1 During automatic
erasing (erase-
suspend function
is enabled)
The auto-erasing is suspended
after td(SR-ES) and the interrupt
process is executed. The auto-
erasing can be restarted by setting
the FMR41 bit in the FMR4
register to “0”(erase restart) after
the interrupt process completes.
Once an interrupt request is acknowledged,
the auto-programming or auto-erasing is
forcibly stopped immediately and resets the
flash memory. An interrupt process starts
after the fixed period and the flash memory
restarts. Since the block during the auto-
erasing or the address during the auto-
programming is forcibly stopped, the
normal value may not be read. Execute the
auto-erasing again and ensure the auto-
erasing is completed normally.
Since the watchdog timer does not stop
during the command operation, the
interrupt request may be generated. Reset
the watchdog timer regularly using the
erase-suspend function.
During automatic
erasing (erase-
suspend function
is disabled)
The auto-erasing has a priority
and the interrupt request
acknowledgement is waited. The
interrupt process is executed after
the auto-erasing completes. Refer
to 20.8.1.9 Interrupt Request
Generation during Auto-erase
Operation in EW1 Mode
.
Auto
programming
The auto-programming has a
priority and the interrupt request
acknowledgement is waited. The
interrupt process is executed after
the auto-programming completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com