Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 250Page - Renesas Technology Corp R8C/14 Datasheet HTML 251Page - Renesas Technology Corp R8C/14 Datasheet HTML 252Page - Renesas Technology Corp R8C/14 Datasheet HTML 253Page - Renesas Technology Corp R8C/14 Datasheet HTML 254Page - Renesas Technology Corp R8C/14 Datasheet HTML 255Page - Renesas Technology Corp R8C/14 Datasheet HTML 256Page - Renesas Technology Corp R8C/14 Datasheet HTML 257Page - Renesas Technology Corp R8C/14 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 277 page
background image
R8C/14 Group, R8C/15 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 242 of 253
REJ09B0164-0210
20.5
Serial Interface
• When reading data from the U0RB (i = 0, 1) register even in the clock asynchronous serial I/O mode
or in the clock synchronous serial I/O mode. Ensure to read data in 16-bit unit. When the high-order
byte of the U0RB register is read, the PER and FER bits in the U0RB register and the RI bit in the
U0C1 register are set to “0”.
Example (when reading receive buffer register):
MOV.W
00A6H,R0
; Read the U0RB register
• When writing data to the U0TB register in the clock asynchronous serial I/O mode with 9-bit transfer
data length, write data high-order byte first, then low-order byte in 8-bit units.
Example (when reading transmit buffer register):
MOV.B
#XXH,00A3H
; Write the high-order byte of U0TB register
MOV.B
#XXH,00A2H
; Write the low-order byte of U0TB register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com