Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 248Page - Renesas Technology Corp R8C/14 Datasheet HTML 249Page - Renesas Technology Corp R8C/14 Datasheet HTML 250Page - Renesas Technology Corp R8C/14 Datasheet HTML 251Page - Renesas Technology Corp R8C/14 Datasheet HTML 252Page - Renesas Technology Corp R8C/14 Datasheet HTML 253Page - Renesas Technology Corp R8C/14 Datasheet HTML 254Page - Renesas Technology Corp R8C/14 Datasheet HTML 255Page - Renesas Technology Corp R8C/14 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 277 page
background image
R8C/14 Group, R8C/15 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 240 of 253
REJ09B0164-0210
20.4
Timers
20.4.1
Timers X and Z
• Timers X and Z stop counting after reset. Set the value to these timers and prescalers before the
count starts.
• Even if the prescalers and timers are read out in 16-bit units, these registers are read by 1 byte in
the microcomputer. Consequently, the timer value may be updated during the period these two
registers are being read.
20.4.2
Timer X
• Do not rewrite the TXMOD0 to TXMOD1 bits, the TXMOD2 and TXS bits simultaneously.
• In pulse period measurement mode, the TXEDG bit and TXUND bit in the TXMR register can be
set to “0” by writing “0” to these bits by a program. However, these bits remain unchanged when
“1” is written. When using the READ-MODIFY-WRITE instruction for the TXMR register, the
TXEDG or TXUND bit may be set to “0” although these bits are set to while the instruction is
executed. At the time, write “1” to the TXEDG or TXUND bit which is not supposed to be set to “0”
with the MOV instruction.
• When changing to pulse period measurement mode from other mode, the contents of the TXEDG
and TXUND bits are indeterminate. Write “0” to the TXEDG and TXUND bits before the count
starts.
• The TXEDG bit may be set to “1” by the prescaler X underflow which is generated for the first
time since the count starts.
• When using the pulse period measurement mode, leave two periods or more of the prescaler X
immediately after count starts, and set the TXEDG bit to “0”.
• The TXS bit in the TXMR register has a function to instruct Timer X to start or stop counting, and
a function to indicate the count starts or stops.
“0” (count stops) can be read until the following count source is applied after “1” (count starts) is
written to the TXS bit while the count is being stopped. If the following count source is applied, “1”
can be read from the TXS bit. Do not access registers associated with Timer X (TXMR, PREX,
TX, TCSS, TXIC registers) except for the TXS bit until “1” can be read from the TXS bit. The
count starts at the following count source after the TXS bit is set to “1”.
Also, when writing “0” (count stops) to the TXS bit during the count, Timer X stops counting at the
following count source.
“1” (count starts) can be read by reading the TXS bit until the count stops after writing “0” to the
TXS bit. Do not access registers associated with Timer X other than the TXS bit until “0” can be
read by the TXS bit after writing “0” to the TXS bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com