Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 244Page - Renesas Technology Corp R8C/14 Datasheet HTML 245Page - Renesas Technology Corp R8C/14 Datasheet HTML 246Page - Renesas Technology Corp R8C/14 Datasheet HTML 247Page - Renesas Technology Corp R8C/14 Datasheet HTML 248Page - Renesas Technology Corp R8C/14 Datasheet HTML 249Page - Renesas Technology Corp R8C/14 Datasheet HTML 250Page - Renesas Technology Corp R8C/14 Datasheet HTML 251Page - Renesas Technology Corp R8C/14 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 277 page
background image
R8C/14 Group, R8C/15 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 236 of 253
REJ09B0164-0210
20.2
Interrupts
20.2.1
Reading Address 00000h
Do not read the address 00000h by a program. When a maskable interrupt request is acknowledged,
the CPU reads interrupt information (interrupt number and interrupt request level) from 00000h in the
interrupt sequence. At this time, the acknowledged interrupt IR bit is set to “0”.
If the address 00000h is read in a program, the IR bit for the interrupt which has the highest priority
among the enabled interrupts is set to “0”. This may cause a problem that the interrupt is canceled, or
an unexpected interrupt is generated.
20.2.2
SP Setting
Set any value in the SP before an interrupt is acknowledged. The SP is set to “0000h” after reset.
Therefore, if an interrupt is acknowledged before setting any value in the SP, the program may run
out of control.
20.2.3
External Interrupt and Key Input Interrupt
Either an “L” level or an “H” level of at least 250ns width is necessary for the signal input to the INT0
to INT3 pins and KI0 to KI3 pins regardless of the CPU clock.s
20.2.4
Watchdog Timer Interrupt
Reset the watchdog timer after a watchdog timer interrupt is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com