Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 245Page - Renesas Technology Corp R8C/14 Datasheet HTML 246Page - Renesas Technology Corp R8C/14 Datasheet HTML 247Page - Renesas Technology Corp R8C/14 Datasheet HTML 248Page - Renesas Technology Corp R8C/14 Datasheet HTML 249Page - Renesas Technology Corp R8C/14 Datasheet HTML 250Page - Renesas Technology Corp R8C/14 Datasheet HTML 251Page - Renesas Technology Corp R8C/14 Datasheet HTML 252Page - Renesas Technology Corp R8C/14 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 277 page
background image
R8C/14 Group, R8C/15 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 237 of 253
REJ09B0164-0210
20.2.5
Changing Interrupt Factor
The IR bit in the interrupt control register may be set to “1” (interrupt requested) when the interrupt
factor changes. When using an interrupt, set the IR bit to “0” (no interrupt requested) after changing
the interrupt factor.
In addition, the changes of interrupt factors include all factors that change the interrupt factors
assigned to individual software interrupt numbers, polarities, and timing. Therefore, when a mode
change of the peripheral functions involves interrupt factors, edge polarities, and timing, Set the IR bit
to “0” (no interrupt requested) after the change. Refer to each peripheral function for the interrupts
caused by the peripheral functions.
Figure 20.1 shows an Example of Procedure for Changing Interrupt Factor.
Figure 20.1
Example of Procedure for Changing Interrupt Factor
NOTES :
1. Execute the above setting individually. Do not execute
2 or more settings at once (by one instruction).
2. Use the I flag for the INTi (i=0 to 3) interupt.
To prevent interrupt requests from being generated when
using peripheral function interupts other than the INTi
interrupt, disable the peripheral function before changing
the interrupt factor. In this case, use the I flag when all
maskable interrupts can be disabled. When all maskable
interrupts cannot be disabled, use the ILVL0 to ILVL2 bits of
interrupt whose factor is changed.
3. Refer to the 21.2.6 Changing Interrupt Control Register
for the instructions to be used and their usage notes.
Interrupt Factor Change
Disable Interrupt(2, 3)
Set the IR bit to "0" (interrupt not requested) using
the MOV instruction(3)
Change Interrupt Factor (including mode
of peripheral functions)
Enable Interrupt(2, 3)
Change Completed
IR Bit: The interrupt control register bit of an
interrupt whose factor is changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com