Electronic Components Datasheet Search
  English  ▼

X  

R8C/14 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # R8C/14
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/14 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button R8C/14 Datasheet HTML 249Page - Renesas Technology Corp R8C/14 Datasheet HTML 250Page - Renesas Technology Corp R8C/14 Datasheet HTML 251Page - Renesas Technology Corp R8C/14 Datasheet HTML 252Page - Renesas Technology Corp R8C/14 Datasheet HTML 253Page - Renesas Technology Corp R8C/14 Datasheet HTML 254Page - Renesas Technology Corp R8C/14 Datasheet HTML 255Page - Renesas Technology Corp R8C/14 Datasheet HTML 256Page - Renesas Technology Corp R8C/14 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 277 page
background image
R8C/14 Group, R8C/15 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 241 of 253
REJ09B0164-0210
20.4.3
Timer Z
• Do not rewrite the TZMOD0 to TZMOD1 bits and the TZS bit simultaneously.
• In programmable one-shot generation mode and programmable wait one-shot generation mode,
when setting the TZS bit in the TZMR register to “0” (stops counting) or setting the TZOS bit in
the TZOC register to “0” (stops one-shot), the timer reloads the value of reload register and stops.
Therefore, read the timer count value in programmable one-shot generation mode and
programmable wait one-shot generation mode before the timer stops.
• The TZS bit in the TZMR register has a function to instruct Timer Z to start or stop counting, and
a function to indicate the count starts or stops.
“0” (count stops) can be read until the following count source is applied after “1” (count starts) is
written to the TZS bit while the count is being stopped. If the following count source is applied, “1”
can be read from the TZS bit. Do not access registers associated with Timer Z (TZMR, PREZ,
TZSC, TZPR, TZOC, PUM, TCSC, TZIC registers) except for the TZS bit until “1” can be read
from the TZS bit. The count starts at the following count source after the TZS bit is set to “1”.
Also, when writing “0” (count stops) to the TZS bit during the count, Timer Z stops counting at the
following count source.
“1” (count starts) can be read by reading the TZS bit until the count stops after writing “0” to the
TZS bit. Do not access registers associated with Timer Z other than the TZS bit until “0” can be
read by the TZS bit after writing “0” to the TZS bit.
20.4.4
Timer C
Access the TC, TM0 and TM1 registers in 16-bit units.
The TC register can be read in 16-bit units. This prevents the timer value from being updated
between the low-order byte and high-order byte are being read.
Example (when Timer C is read):
MOV.W
0090H,R0
; Read out timer C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com