Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 30Page - Renesas Technology Corp R8C/17 Datasheet HTML 31Page - Renesas Technology Corp R8C/17 Datasheet HTML 32Page - Renesas Technology Corp R8C/17 Datasheet HTML 33Page - Renesas Technology Corp R8C/17 Datasheet HTML 34Page - Renesas Technology Corp R8C/17 Datasheet HTML 35Page - Renesas Technology Corp R8C/17 Datasheet HTML 36Page - Renesas Technology Corp R8C/17 Datasheet HTML 37Page - Renesas Technology Corp R8C/17 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 279 page
background image
R8C/16 Group, R8C/17 Group
5. Reset
Rev.2.10
Jan 19, 2006
Page 21 of 254
REJ09B0169-0210
5.1
Hardware Reset
A reset is applied using the RESET pin. When an “L” signal is applied to the RESET pin while the power
supply voltage meets the recommended performance condition, the pins, CPU and SFR are reset (refer
to Table 5.2 Pin Status after Reset). When the input level applied to the RESET pin changes “L” to “H”,
the program is executed beginning with the address indicated by the reset vector. After reset, the low-
speed on-chip oscillator clock divide-by-8 is automatically selected for the CPU clock.
Refer to 4. Special Function Register (SFR) for the status of the SFR after reset.
The internal RAM is not reset. If the RESET pin is pulled “L” during writing to the internal RAM, the
internal RAM will be in indeterminate state.
Figure 5.4 shows the Example of Hardware Reset Circuit and Operation and Figure 5.5 shows the
Example of Hardware Reset Circuit (Use Example of External Power Supply Voltage Detection Circuit)
and Operation.
5.1.1
When the power supply is stable
(1) Apply an “L” signal to the RESET pin.
(2) Wait for 500
µs (1/fRING-S×20).
(3) Apply an “H” signal to the RESET pin.
5.1.2
Power on
(1) Apply an “L” signal to the RESET pin.
(2) Let the power supply voltage increase until it meets the recommended performance condition.
(3) Wait for td(P-R) or more until the internal power supply stabilizes (Refer to 19. Electrical
Characteristics).
(4) Wait for 500
µs (1/fRING-S×20).
(5) Apply an “H” signal to the RESET pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com