| Electronic Components Datasheet Search |
|
R8C/17 Datasheet(PDF) 96 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/17 Datasheet(HTML) 96 Page - Renesas Technology Corp |
|
96 / 279 page ![]() R8C/16 Group, R8C/17 Group 13. Timers Rev.2.10 Jan 19, 2006 Page 83 of 254 REJ09B0169-0210 13. Timers The microcomputer contains two 8-bit timers with 8-bit prescaler and a 16-bit timer. The two 8-bit timers with the 8-bit prescaler contain Timer X and Timer Z. These timers contain a reload register to memorize the default value of the counter. The 16-bit timer is Timer C which contains the input capture and output compare. All these timers operate independently. The count source for each timer is the operating clock that regulates the timing of timer operations such as counting and reloading. Table 13.1 lists Functional Comparison of Timers. Table 13.1 Functional Comparison of Timers Item Timer X Timer Z Timer C Configuration 8-bit timer with 8-bit prescaler (with reload register) 8-bit timer with 8-bit prescaler (with reload register) 16-bit free-run timer (with input capture and output compare) Count Decrement Decrement Increment Count Source • f1 •f2 •f8 •fRING •f1 •f2 •f8 • Timer X underflow •f1 •f8 •f32 •fRING-fast Function Timer Mode provided provided not provided Pulse Output Mode provided not provided not provided Event Counter Mode provided not provided not provided Pulse Width Measurement Mode provided not provided not provided Pulse Period Measurement Mode provided not provided not provided Programmable Waveform Generation Mode not provided provided not provided Programmable One-Shot Generation Mode not provided provided not provided Programmable Wait One- Shot Generation Mode not provided provided not provided Input Capture Mode not provided not provided provided Output Compare Mode not provided not provided provided Input Pin CNTR0 INT0 TCIN Output Pin CNTR0 CNTR0 TZOUT CMP0_0 to CMP0_2 CMP1_0 to CMP1_2 Related Interrupt Timer X interrupt INT1 interrupt Timer Y interrupt INT0 interrupt Timer C interrupt INT3 interrupt Compare 0 interrupt Compare 1 interrupt Timer Stop provided provided provided |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |