Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 66Page - Renesas Technology Corp R8C/17 Datasheet HTML 67Page - Renesas Technology Corp R8C/17 Datasheet HTML 68Page - Renesas Technology Corp R8C/17 Datasheet HTML 69Page - Renesas Technology Corp R8C/17 Datasheet HTML 70Page - Renesas Technology Corp R8C/17 Datasheet HTML 71Page - Renesas Technology Corp R8C/17 Datasheet HTML 72Page - Renesas Technology Corp R8C/17 Datasheet HTML 73Page - Renesas Technology Corp R8C/17 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 279 page
background image
R8C/16 Group, R8C/17 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 57 of 254
REJ09B0169-0210
11.1.2
Software Interrupts
A software interrupt is generated when an instruction is executed. The software interrupts are non-
maskable interrupts.
11.1.2.1
Undefined Instruction Interrupt
The undefined instruction interrupt is generated when the UND instruction is executed.
11.1.2.2
Overflow Interrupt
The overflow interrupt is generated when the O flag is set to “1” (arithmetic operation overflow) and
the INTO instruction is executed. Instructions to set the O flag are :
ABS, ADC, ADCF, ADD, CMP, DIV, DIVU, DIVX, NEG, RMPA, SBB, SHA, SUB
11.1.2.3
BRK Interrupt
A BRK interrupt is generated when the BRK instruction is executed.
11.1.2.4
INT Instruction Interrupt
An INT instruction interrupt is generated when the INT instruction is executed. The INT instruction
can select software interrupt numbers 0 to 63. Software interrupt numbers 4 to 31 are assigned to the
peripheral function interrupt. Therefore, the microcomputer executes the same interrupt routine when
the INT instruction is executed as when a peripheral function interrupt is generated. In software
interrupt numbers 0 to 31, the U flag is saved to the stack during instruction execution and set the U
flag to “0” (ISP selected) before executing an interrupt sequence. The U flag is restored from the
stack when returning from the interrupt routine. In software interrupt numbers 32 to 63, the U flag
does not change state during instruction execution, and the selected SP is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com