Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 64Page - Renesas Technology Corp R8C/17 Datasheet HTML 65Page - Renesas Technology Corp R8C/17 Datasheet HTML 66Page - Renesas Technology Corp R8C/17 Datasheet HTML 67Page - Renesas Technology Corp R8C/17 Datasheet HTML 68Page - Renesas Technology Corp R8C/17 Datasheet HTML 69Page - Renesas Technology Corp R8C/17 Datasheet HTML 70Page - Renesas Technology Corp R8C/17 Datasheet HTML 71Page - Renesas Technology Corp R8C/17 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 279 page
background image
R8C/16 Group, R8C/17 Group
10. Protection
Rev.2.10
Jan 19, 2006
Page 55 of 254
REJ09B0169-0210
10. Protection
Protection function protects important registers from being easily overwritten when a program runs out of
control. Figure 10.1 shows the PRCR Register. The following lists the registers protected by the PRCR
register.
• Registers protected by PRC0 bit : CM0, CM1, and OCD, HRA0, HRA1, HRA2 registers
• Registers protected by PRC1 bit : PM0 and PM1 registers
• Registers protected by PRC3 bit : VCA2, VW1C and VW2C registers
Figure 10.1
PRCR Register
Protect Register
Symbol
Address
After Reset
PRCR
000Ah
00h
Bit Symbol
Bit Name
Function
RW
—
(b7-b6)
Reserved Bit
When read, its content is “0”.
RO
RW
—
(b5-b4)
Reserved Bit
Set to “0”
RW
PRC3
Protect Bit 3
Writing to the VCA2, VW1C and VW2C registers is
enabled.
0 : Disables w riting
1 : Enables w riting
b7 b6 b5 b4 b3 b2 b1 b0
00
0
PRC0
RW
PRC1
RW
Protect Bit 0
Writing to the CM0, CM, OCD, HRA0, HRA1and
HRA2 registers is enabled.
0 : Disables w riting
1 : Enables w riting
Protect Bit 1
Writing to the PM0 and PM1 registers is enabled.
0 : Disables w riting
1 : Enables w riting
—
(b2)
Reserved Bit
Set to “0”
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com