Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 57Page - Renesas Technology Corp R8C/17 Datasheet HTML 58Page - Renesas Technology Corp R8C/17 Datasheet HTML 59Page - Renesas Technology Corp R8C/17 Datasheet HTML 60Page - Renesas Technology Corp R8C/17 Datasheet HTML 61Page - Renesas Technology Corp R8C/17 Datasheet HTML 62Page - Renesas Technology Corp R8C/17 Datasheet HTML 63Page - Renesas Technology Corp R8C/17 Datasheet HTML 64Page - Renesas Technology Corp R8C/17 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 48 of 254
REJ09B0169-0210
9.4
Power Control
There are three power control modes. All modes other than wait and stop modes are referred to as
normal operating mode.
9.4.1
Normal Operating Mode
Normal operating mode is further separated into four modes.
In normal operating mode, the CPU clock and the peripheral function clock are supplied to operate
the CPU and the peripheral function clocks. Power consumption control is enabled by controlling the
CPU clock frequency. The higher the CPU clock frequency, the more processing power increases.
The lower the CPU clock frequency, the more power consumption decreases. When unnecessary
oscillator circuits stop, power consumption is further reduced.
Before the clock sources for the CPU clock can be switched over, the new clock source after
switching needs to be stabilized and oscillated. If the new clock source is the main clock, allow
sufficient wait time in a program until an oscillation is stabilized before exiting.
NOTES:
1. The low-speed on-chip oscillator is used as the on-chip oscillator clock when the CM14 bit in the
CM1 register is set to “0” (low-speed on-chip oscillator on) and the HRA01 bit in the HRA0 register
is set to “0”.
The high-speed on-chip oscillator is used as the on-chip oscillator clock when the HRA00 bit in the
HRA0 register is set to “1” (high-speed on-chip oscillator A on) and the HRA01 bit in the HRA0
register is set to “1”.
Table 9.2
Setting and Mode of Clock Associated Bit
Modes
OCD Register
CM1 Register
CM0 Register
OCD2
CM17, CM16
CM13
CM06
CM05
High-Speed Mode
0
00b
1
0
0
Medium-
Speed
Mode
divide-by-2
0
01b
1
0
0
divide-by-4
0
10b
1
0
0
divide-by-8
0
−
11
0
divide-by-16
0
11b
1
0
0
High-Speed,
Low-Speed
On-Chip
Oscillator
Mode(1)
no division
1
00b
−
0
−
divide-by-2
1
01b
−
0
−
divide-by-4
1
10b
−
0
−
divide-by-8
1
−−
1
−
divide-by-16
1
11b
−
0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com