Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 54Page - Renesas Technology Corp R8C/17 Datasheet HTML 55Page - Renesas Technology Corp R8C/17 Datasheet HTML 56Page - Renesas Technology Corp R8C/17 Datasheet HTML 57Page - Renesas Technology Corp R8C/17 Datasheet HTML 58Page - Renesas Technology Corp R8C/17 Datasheet HTML 59Page - Renesas Technology Corp R8C/17 Datasheet HTML 60Page - Renesas Technology Corp R8C/17 Datasheet HTML 61Page - Renesas Technology Corp R8C/17 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 45 of 254
REJ09B0169-0210
The following describes the clocks generated by the clock generation circuit.
9.1
Main Clock
This clock is supplied by a main clock oscillation circuit. This clock is used as the clock source for the
CPU and peripheral function clocks. The main clock oscillator circuit is configured by connecting a
resonator between the XIN and XOUT pins. The main clock oscillation circuit contains a feedback
resistor, which is disconnected from the oscillation circuit in stop mode in order to reduce the amount of
power consumed in the chip. The main clock oscillation circuit may also be configured by feeding an
externally generated clock to the XIN pin. Figure 9.7 shows the Examples of Main Clock Connection
Circuit.
During reset and after reset, the main clock stops.
The main clock starts oscillating when the CM05 bit in the CM0 register is set to “0” (main clock on) after
setting the CM13 bit in the CM1 register to “1” (XIN- XOUT pin).
To use the main clock for the CPU clock source, set the OCD2 bit in the OCD register to “0” (select main
clock) after the main clock is oscillating stably.
The power consumption can be reduced by setting the CM05 bit in the CM0 register to “1” (main clock
stops) if the OCD2 bit is set to “1” (select on-chip oscillator clock).
When the clocks externally generated to the XIN pin are input, a main clock does not stop if setting the
CM05 bit to “1”. If necessary, use an external circuit to stop the clock.
In stop mode, all clocks including the main clock stop. Refer to 9.4 Power Control for details.
Figure 9.7
Examples of Main Clock Connection Circuit
XIN
XOUT
Microcomputer
(Built-In Feedback Resistor)
Rd(1)
COUT
CIN
XIN
XOUT
Microcomputer
(Built-In Feedback Resistor)
Externally Derived Clock
VCC
VSS
NOTES :
1. Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive
capacity setting. Use the value recommended by the maker of the oscillator.
When the oscillation drive capacity is set to low, check that oscillation is stable. Also, if the oscillator manufacturer's
data sheet specifies that a feedback resistor be added external to the chip, insert a feedback resistor between XIN
and XOUT following the instruction.
Open
Ceramic Resonator External Circuit
External Clock Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com