Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 48Page - Renesas Technology Corp R8C/17 Datasheet HTML 49Page - Renesas Technology Corp R8C/17 Datasheet HTML 50Page - Renesas Technology Corp R8C/17 Datasheet HTML 51Page - Renesas Technology Corp R8C/17 Datasheet HTML 52Page - Renesas Technology Corp R8C/17 Datasheet HTML 53Page - Renesas Technology Corp R8C/17 Datasheet HTML 54Page - Renesas Technology Corp R8C/17 Datasheet HTML 55Page - Renesas Technology Corp R8C/17 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 39 of 254
REJ09B0169-0210
Figure 9.1
Clock Generation Circuit
S Q
R
1/2
1/2
1/2
1/2
1/2
S Q
R
HRA00
HRA01=1
HRA01=0
On-Chip Oscillator Clock
CM14
Voltage
Detection
Circuit
CPU Clock
a
b
c
d
e
OCD2=0
OCD2=1
Divider
Oscillation
Stop
Detection
Main Clock
XOUT
CM13
CM05
XIN
CM02
WAIT
Instruction
CM10=1(Stop Mode)
a
d
c
h
b
CM06=0
CM17 to CM16=11b
CM06=1
CM06=0
CM17 to CM16=10b
CM06=0
CM17 to CM16=01b
CM06=0
CM17 to CM16=00b
Details of Divider
Oscillation Stop Detection Circuit
Pulse generation
circuit for clock
edge detection and
charge, discharge
control circuit
Main Clock
Forcible discharge when OCD0(1)=0
Charge,
Discharge
Circuit
Oscillation Stop Detection
Interrupt Generation
Circuit Detected
Watchdog
Timer Interrupt
OCD2 Bit Switch Signal
CM14 Bit Switch Signal
Oscillation Stop
Detection,
Watchdog Timer,
Voltage Monitor 2
Interrupt
e
g
UART0
Timer C
Timer Z
Timer X
fRING-fast
fRING
fRING-S
g
f1
f2
f4
f8
f32
h
INT0
1/128
fRING128
Watchdog
Timer
A/D
Converter
OCD1(1)
NOTES :
1. Set the same value to the OCD1 and OCD0 bits.
High-Speed
On-Chip
Oscillator
Low-Speed
On-Chip
Oscillator
Power-On
Reset Circuit
IIC
CM02, CM05, CM06: Bits in CM0 register
CM10, CM13, CM14, CM16, CM17: Bits in CM1 register
OCD0, OCD1, OCD2: Bits in OCD register
HRA00, HRA01: Bits in HRA0 register
Voltage
Monitor 2
Interrupt
System Clock
HRA1 Register
HRA2 Register
Frequency Adjustable
CM13
RESET
Power-on reset
Software reset
Interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com