Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 11Page - Renesas Technology Corp R8C/17 Datasheet HTML 12Page - Renesas Technology Corp R8C/17 Datasheet HTML 13Page - Renesas Technology Corp R8C/17 Datasheet HTML 14Page - Renesas Technology Corp R8C/17 Datasheet HTML 15Page - Renesas Technology Corp R8C/17 Datasheet HTML 16Page - Renesas Technology Corp R8C/17 Datasheet HTML 17Page - Renesas Technology Corp R8C/17 Datasheet HTML 18Page - Renesas Technology Corp R8C/17 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 279 page
background image
R8C/16 Group, R8C/17 Group
1. Overview
Rev.2.10
Jan 19, 2006
Page 2 of 254
REJ09B0169-0210
1.2
Performance Overview
Table 1.1 lists the Performance Outline of the R8C/16 Group and Table 1.2 lists the Performance Outline
of the R8C/17 Group.
NOTES:
1. I2C bus is a trademark of Koninklijke Philips Electronics N. V.
Table 1.1
Performance Outline of the R8C/16 Group
Item
Performance
CPU
Number of Basic Instructions 89 instructions
Minimum Instruction
Execution Time
50ns(f(XIN)=20MHz, VCC=3.0 to 5.5V)
100ns(f(XIN)=10MHz, VCC=2.7 to 5.5V)
Operating Mode
Single-chip
Address Space
1 Mbyte
Memory Capacity
See Table 1.3 R8C/16 Group Product Information
Peripheral
Function
Port
I/O port : 13 pins (including LED drive port),
Input : 2 pins
LED Drive Port
I/O port: 4 pins
Timer
Timer X: 8 bits × 1 channel, Timer Z: 8 bits × 1 channel
(Each timer equipped with 8-bit prescaler)
Timer C: 16 bits × 1 channel
(Circuits of input capture and output compare)
Serial Interface
1 channel
Clock synchronous serial I/O, UART
I2C bus Interface (IIC)(1)
1 channel
A/D Converter
10-bit A/D converter: 1 circuit, 4 channels
Watchdog Timer
15 bits × 1 channel (with prescaler)
Reset start selectable, Count source protection mode
Interrupt
Internal: 9 factors, External: 4 factors, Software: 4
factors
Priority level: 7 levels
Clock Generation Circuit
2 circuits
Main clock oscillation circuit (Equipped with a built-in
feedback resistor)
On-chip oscillator (high speed, low speed)
Equipped with frequency adjustment function on high-
speed on-chip oscillator
Oscillation Stop Detection
Function
Main clock oscillation stop detection function
Voltage Detection Circuit
Included
Power-on Reset Circuit
Included
Electric
Characteristics
Supply Voltage
VCC=3.0 to 5.5V (f(XIN)=20MHz)
VCC=2.7 to 5.5V (f(XIN)=10MHz)
Power Consumption
Typ. 9mA (VCC=5.0V, f(XIN)=20MHz)
Typ. 5mA (VCC=3.0V, f(XIN)=10MHz)
Typ. 35
µA (VCC=3.0V, wait mode, peripheral clock off)
Typ. 0.7
µA (VCC=3.0V, stop mode)
Flash Memory
Program/Erase Supply
Voltage
VCC=2.7 to 5.5V
Program/Erase Endurance
100 times
Operating Ambient Temperature
-20 to 85
°C
-40 to 85
°C (D Version)
Package
20-pin plastic mold LSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com