Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 88Page - Renesas Technology Corp R8C/17 Datasheet HTML 89Page - Renesas Technology Corp R8C/17 Datasheet HTML 90Page - Renesas Technology Corp R8C/17 Datasheet HTML 91Page - Renesas Technology Corp R8C/17 Datasheet HTML 92Page - Renesas Technology Corp R8C/17 Datasheet HTML 93Page - Renesas Technology Corp R8C/17 Datasheet HTML 94Page - Renesas Technology Corp R8C/17 Datasheet HTML 95Page - Renesas Technology Corp R8C/17 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 279 page
background image
R8C/16 Group, R8C/17 Group
12. Watchdog Timer
Rev.2.10
Jan 19, 2006
Page 79 of 254
REJ09B0169-0210
Figure 12.2
OFS and WDC Registers
Watchdog Timer Control Register
Symbol
Address
After Reset
WDC
000Fh
00011111b
Bit Symbol
Bit Name
Function
RW
b3 b2 b1 b0
RW
High-order Bit of Watchdog Timer
—
(b4-b0)
RW
—
(b5)
00
b7 b6 b5 b4
RW
Reserved Bit
Set to “0”
RO
WDC7
—
(b6)
Reserved Bit
Set to “0”
Prescaler Select Bit
0 : Divide-by-16
1 : Divide-by-128
Option Function Select Register
(1)
Symbol
Address
Before Shipment
OFS
0FFFFh
FFh(2)
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2. If the block including the OFS register is erased, “FFh” is set to the OFS register.
CSPROINI
Count Source Protection
Mode After Reset Select
Bit
0 : Count source protect mode enabled after reset
1 : Count source protect mode disabled after reset
RW
ROM Code Protect Bit
0 : ROM code protect enabled
1 : ROM code protect disabled
RW
—
(b6-b4)
Reserved Bit
Set to “1”
RW
The OFS register is on the flash memory. Write to the OFS register w ith a program.
—
(b1)
RW
Reserved Bit
Set to “1”
ROMCR
ROM Code Protect
Disabled Bit
0 : ROM code protect disabled
1 : ROMCP1 enabled
RW
ROMCP1
WDTON
RW
Watchdog Timer Start
Select Bit
0 : Watchdog timer starts automatically after reset
1 : Watchdog timer is inactive after reset
1
111
b7 b6 b5 b4 b3 b2 b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com