Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 24Page - Renesas Technology Corp R8C/17 Datasheet HTML 25Page - Renesas Technology Corp R8C/17 Datasheet HTML 26Page - Renesas Technology Corp R8C/17 Datasheet HTML 27Page - Renesas Technology Corp R8C/17 Datasheet HTML 28Page - Renesas Technology Corp R8C/17 Datasheet HTML 29Page - Renesas Technology Corp R8C/17 Datasheet HTML 30Page - Renesas Technology Corp R8C/17 Datasheet HTML 31Page - Renesas Technology Corp R8C/17 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 279 page
background image
R8C/16 Group, R8C/17 Group
4. Special Function Register (SFR)
Rev.2.10
Jan 19, 2006
Page 15 of 254
REJ09B0169-0210
4.
Special Function Register (SFR)
SFR (Special Function Register) is the control register of peripheral functions. Tables 4.1 to 4.4 list the SFR
information.
Table 4.1
SFR Information(1)(1)
X: Undefined
NOTES:
1.
Blank spaces are reserved. No access is allowed.
2.
Software reset, the watchdog timer reset or the voltage monitor 2 reset does not affect this register.
3.
Owing to Hardware reset.
4.
Owing to Power-on reset or the voltage monitor 1 reset.
5.
Software reset, the watchdog timer reset or the voltage monitor 2 reset does not affect the b2 and b3.
Address
Register
Symbol
After Reset
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
00h
0005h
Processor Mode Register 1
PM1
00h
0006h
System Clock Control Register 0
CM0
01101000b
0007h
System Clock Control Register 1
CM1
00100000b
0008h
0009h
Address Match Interrupt Enable Register
AIER
00h
000Ah
Protect Register
PRCR
00h
000Bh
000Ch
Oscillation Stop Detection register
OCD
00000100b
000Dh
Watchdog Timer Reset Register
WDTR
XXh
000Eh
Watchdog Timer Start Register
WDTS
XXh
000Fh
Watchdog Timer Control Register
WDC
00011111b
0010h
Address Match Interrupt Register 0
RMAD0
00h
0011h
00h
0012h
X0h
0013h
0014h
Address Match Interrupt Register 1
RMAD1
00h
0015h
00h
0016h
X0h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
00h
001Dh
001Eh
INT0 Input Filter Select Register
INT0F
00h
001Fh
0020h
High-Speed On-Chip Oscillator Control Register 0
HRA0
00h
0021h
High-Speed On-Chip Oscillator Control Register 1
HRA1
When shipping
0022h
High-Speed On-Chip Oscillator Control Register 2
HRA2
00h
0023h
002Ah
002Bh
002Ch
002Dh
002Eh
002Fh
0030h
0031h
Voltage Detection Register 1(2)
VCA1
00001000b
0032h
Voltage Detection Register 2(2)
VCA2
00h(3)
01000000b(4)
0033h
0034h
0035h
0036h
Voltage Monitor 1 Circuit Control Register (2)
VW1C
0000X000b(3)
0100X001b(4)
0037h
Voltage Monitor 2 Circuit Control Register (5)
VW2C
00h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com