| Electronic Components Datasheet Search |
|
R8C/17 Datasheet(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/17 Datasheet(HTML) 72 Page - Renesas Technology Corp |
|
72 / 279 page ![]() R8C/16 Group, R8C/17 Group 11. Interrupt Rev.2.10 Jan 19, 2006 Page 59 of 254 REJ09B0169-0210 11.1.5 Interrupts and Interrupt Vector There are 4 bytes in one vector. Set the starting address of interrupt routine in each vector table. When an interrupt request is acknowledged, the CPU branches to the address set in the corresponding interrupt vector. Figure 11.2 shows the Interrupt Vector. Figure 11.2 Interrupt Vector 11.1.5.1 Fixed Vector Tables The fixed vector tables are allocated addresses 0FFDCh to 0FFFFh. Table 11.1 lists the Fixed Vector Tables. The vector addresses (H) of fixed vectors are used by the ID code check function. For details, refer to 18.3 Functions To Prevent Flash Memory from Rewriting. 1. Do not use the single-step interrupt. For development tools only. Table 11.1 Fixed Vector Tables Interrupt Factor Vector Addresses Address (L) to (H) Remarks Reference Undefined Instruction 0FFDCh to 0FFDFh Interrupt on UND instruction R8C/Tiny Series software manual Overflow 0FFE0h to 0FFE3h Interrupt on INTO instruction BRK Instruction 0FFE4h to 0FFE7h If the content of address 0FFE7h is FFh, program execution beginning with the address shown by the vector in the relocatable vector table. Address Match 0FFE8h to 0FFEBh 11.4 Address Match Interrupt Single Step(1) 0FFECh to 0FFEFh • Watchdog Timer • Oscillation Stop Detection • Voltage Monitor 2 0FFF0h to 0FFF3h • 12. Watchdog Timer • 9. Clock Generation Circuit • 6. Voltage Detection Circuit Address Break(1) 0FFF4h to 0FFF7h (Reserved) 0FFF8h to 0FFFBh Reset 0FFFCh to 0FFFFh 5. Reset Vector Address (L) Vector Address (H) MSB LSB Low Address Mid Address High Address 0 0 0 0 0 0 0 0 0 0 0 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |