Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 43Page - Renesas Technology Corp R8C/17 Datasheet HTML 44Page - Renesas Technology Corp R8C/17 Datasheet HTML 45Page - Renesas Technology Corp R8C/17 Datasheet HTML 46Page - Renesas Technology Corp R8C/17 Datasheet HTML 47Page - Renesas Technology Corp R8C/17 Datasheet HTML 48Page - Renesas Technology Corp R8C/17 Datasheet HTML 49Page - Renesas Technology Corp R8C/17 Datasheet HTML 50Page - Renesas Technology Corp R8C/17 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 279 page
background image
R8C/16 Group, R8C/17 Group
6. Voltage Detection Circuit
Rev.2.10
Jan 19, 2006
Page 34 of 254
REJ09B0169-0210
Figure 6.8
Operating Example of Voltage Monitor 2 Interrupt and Voltage Monitor 2 Reset
Vdet2
(Typ. 3.30V)
VCA13 Bit
Internal Reset Signal
(VW2C6=1)
VCC
The above applies to the following conditions.
• VCA27 bit in VCA2 register = 1 (voltage detection 2 circuit enabled)
• VW2C0 bit in VW2C register = 1 (enables voltage monitor 2 interrupt and voltage monitor 2 reset)
NOTES:
1. When the voltage monitor 1 reset is not used, set the power supply to VCC
≥ 2.7.
2.7V(1)
“0”
“1”
Sampling Clock of Digital Filter
x 4 Cycles
VW2C2 Bit
“0”
“1”
When the VW2C1 bit is set
to “0” (digital filter enabled)
VW2C2 Bit
“0”
“1”
When the VW2C1 bit is
set to “1” (digital filter
disabled) and the
VW2C7 bit is set to “0”
(Vdet2 or above)
VCA13 : Bit in VCA1 Register
VW2C1, VW2C2, VW2C6, VW2C7 : Bit in VW2C Register
Set to “0” by interrupt request
acknowledgement
Set to “0” by a program
Voltage Monitor 2
Interrupt Request
(VW2C6=0)
Voltage Monitor 2
Interrupt Request
(VW2C6=0)
VW2C2 Bit
“0”
“1”
When the VW2C1 bit is
set to “1” (digital filter
disabled) and the
VW2C7 bit is set to “1”
(Vdet2 or below)
Voltage Monitor 2
Interrupt Request
(VW2C6=0)
Internal Reset Signal
(VW2C6=1)
Sampling Clock of Digital Filter
x 4 Cycles
Set to “0” by a program
Set to “0” by interrupt
request
acknowledgement
Set to “0” by a program
Set to “0” by interrupt
request acknowledgement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com