Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 71Page - Renesas Technology Corp R8C/17 Datasheet HTML 72Page - Renesas Technology Corp R8C/17 Datasheet HTML 73Page - Renesas Technology Corp R8C/17 Datasheet HTML 74Page - Renesas Technology Corp R8C/17 Datasheet HTML 75Page - Renesas Technology Corp R8C/17 Datasheet HTML 76Page - Renesas Technology Corp R8C/17 Datasheet HTML 77Page - Renesas Technology Corp R8C/17 Datasheet HTML 78Page - Renesas Technology Corp R8C/17 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 279 page
background image
R8C/16 Group, R8C/17 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 62 of 254
REJ09B0169-0210
Figure 11.4
INT0IC Register
INT0 Interrupt Control Register
(2)
Symbol
Address
After Reset
INT01C
005Dh
XX00X000b
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
—
(b7-b6)
—
Nothing is assigned. When w rite, set to “0”.
When read, its content is indeterminate.
Only “0” can be w ritten to the IR bit. (Do not w rite “1”.)
—
(b5)
Reserved Bit
Set to “0”
RW
POL
Polarity Sw itch Bit(4)
0 : Selects falling edge
1 : Selects rising edge(3)
RW
IR
Interrupt Request Bit
0 : Requests no interrupt
1 : Requests interrupt
RW(1)
ILVL0
RW
Interrupt Priority Level Select Bit
b2 b1 b0
0 0 0 : Level 0 (interrupt disable)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
ILVL1
RW
ILVL2
RW
b0
0
To rew rite the interrupt control register, rew rite it w hen the interrupt request w hich is applicable for its register is not
generated. Refer to 20.2.6 Changing Interrupt Control Registers.
If the INTOPL bit in the INTEN register is set to “1” (both edges), set the POL bit to “0” (selects falling edge).
The IR bit may be set to “1” (requests interrupt) w hen the POL bit is rew ritten. Refer to 20.2.5 Changing Interrupt
Factor.
b7 b6 b5 b4 b3 b2 b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com