Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 67Page - Renesas Technology Corp R8C/17 Datasheet HTML 68Page - Renesas Technology Corp R8C/17 Datasheet HTML 69Page - Renesas Technology Corp R8C/17 Datasheet HTML 70Page - Renesas Technology Corp R8C/17 Datasheet HTML 71Page - Renesas Technology Corp R8C/17 Datasheet HTML 72Page - Renesas Technology Corp R8C/17 Datasheet HTML 73Page - Renesas Technology Corp R8C/17 Datasheet HTML 74Page - Renesas Technology Corp R8C/17 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 279 page
background image
R8C/16 Group, R8C/17 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 58 of 254
REJ09B0169-0210
11.1.3
Special Interrupts
Special interrupts are non-maskable interrupts.
11.1.3.1
Watchdog Timer Interrupt
The watchdog timer interrupt is generated by the watchdog timer. Reset the watchdog timer after the
watchdog timer interrupt is generated. For details, refer to 12. Watchdog Timer.
11.1.3.2
Oscillation Stop Detection Interrupt
Oscillation Stop Detection Interrupt is generated by the oscillation stop detection function. For details
of the oscillation stop detection function, refer to 9. Clock Generation Circuit.
11.1.3.3
Voltage Monitor 2 Interrupt
The voltage monitor 2 interrupt is generated by the voltage detection circuit. For details of the voltage
detection circuit, refer to 6. Voltage Detection Circuit.
11.1.3.4
Single-Step Interrupt, Address Break Interrupt
Do not use the single-step interrupt. For development tools only.
11.1.3.5
Address Match Interrupt
The address match interrupt is generated immediately before executing an instruction that is stored
into an address indicated by the RMAD0 to RMAD1 registers when the AIER0 or AIER1 bit in the
AIER register which is set to "1" (address match interrupt enable). For details of the address match
interrupt, refer to 11.4 Address Match Interrupt.
11.1.4
Peripheral Function Interrupt
The peripheral function interrupt is generated by the internal peripheral function of the
microcomputer and a maskable interrupt. Refer to Table 11.2 Relocatable Vector Tables for the
interrupt factor of the peripheral function interrupt. For details of the peripheral function, refer to the
description of each peripheral function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com