Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 84Page - Renesas Technology Corp R8C/17 Datasheet HTML 85Page - Renesas Technology Corp R8C/17 Datasheet HTML 86Page - Renesas Technology Corp R8C/17 Datasheet HTML 87Page - Renesas Technology Corp R8C/17 Datasheet HTML 88Page - Renesas Technology Corp R8C/17 Datasheet HTML 89Page - Renesas Technology Corp R8C/17 Datasheet HTML 90Page - Renesas Technology Corp R8C/17 Datasheet HTML 91Page - Renesas Technology Corp R8C/17 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 279 page
background image
R8C/16 Group, R8C/17 Group
11. Interrupt
Rev.2.10
Jan 19, 2006
Page 75 of 254
REJ09B0169-0210
Figure 11.18
KIEN Register
Key Input Enable Register
(1)
Symbol
Address
After Reset
KIEN
0098h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
RW
KI0 Input Polarity Select Bit
0 : Falling edge
1 : Rising edge
KI1 Input Enable Bit
0 : Disable
1 : Enable
b3 b2
RW
KI2EN
RW
KI1PL
KI1 Input Polarity Select Bit
0 : Falling edge
1 : Rising edge
KI2 Input Enable Bit
0 : Disable
1 : Enable
b7 b6 b5 b4
b1 b0
The IR bit in the KUPIC register may be set to “1” (requests interrupt) w hen the KIEN register is rew ritten.
Refer to 20.2.5 Changing Interrupt Factor.
KI1EN
RW
KI3EN
KI3 Input Enable Bit
KI3PL
RW
KI2PL
KI2 Input Polarity Select Bit
0 : Falling edge
1 : Rising edge
KI3 Input Polarity Select Bit
0 : Falling edge
1 : Rising edge
KI0EN
RW
KI0PL
RW
KI0 Input Enable Bit
0 : Disable
1 : Enable
RW
0 : Disable
1 : Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com