Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 37Page - Renesas Technology Corp R8C/17 Datasheet HTML 38Page - Renesas Technology Corp R8C/17 Datasheet HTML 39Page - Renesas Technology Corp R8C/17 Datasheet HTML 40Page - Renesas Technology Corp R8C/17 Datasheet HTML 41Page - Renesas Technology Corp R8C/17 Datasheet HTML 42Page - Renesas Technology Corp R8C/17 Datasheet HTML 43Page - Renesas Technology Corp R8C/17 Datasheet HTML 44Page - Renesas Technology Corp R8C/17 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 279 page
background image
R8C/16 Group, R8C/17 Group
6. Voltage Detection Circuit
Rev.2.10
Jan 19, 2006
Page 28 of 254
REJ09B0169-0210
Figure 6.4
VCA1 and VCA2 Registers
Voltage Detection Register 1
Symbol
Address
After Reset(2)
VCA1
0031h
00001000b
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2. The softw are reset, w atchdog timer reset and voltage monitor 2 reset do not affect this register.
VCA13
Voltage Detection 2 Signal Monitor
Flag(1)
00
—
(b2-b0)
RW
0 : VCC < Vdet2
1 : VCC
≥ Vdet2 or voltage detection 2
circuit disabled
RO
Reserved Bit
b0
0000
Set to “0”
0
b7 b6 b5 b4 b3 b2 b1
The VCA13 bit is enabled w hen the VCA27 bit in the VCA2 register is set to “1” (voltage detection 2 circuit enabled).
The VCA13 bit is set to “1” (VCC
≥ Vdet 2) w hen the VCA27 bit in the VCA2 register is set to “0” (voltage detection 2
circuit disabled).
—
(b7-b4)
Reserved Bit
Set to “0”
RW
Voltage Detection Register 2
(1)
After Reset(4)
Symbol
Address
Hardw are Reset : 00h
VCA2
0032h
Pow er-On Reset, Voltage Monitor 1Reset
: 01000000b
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3.
4.
b7 b6 b5 b4 b3 b2 b1 b0
00 0000
—
(b5-b0)
Reserved Bit
Set to “0”
RW
VCA26
Voltage Detection 1 Enable Bit(2)
0 : Voltage detection 1 circuit disabled
1 : Voltage detection 1 circuit enabled
RW
VCA27
Voltage Detection 2 Enable Bit(3)
0 : Voltage detection 2 circuit disabled
1 : Voltage detection 2 circuit enabled
RW
Set the PRC3 bit in the PRCR register to “1” (w rite enable) before w riting to this register.
When using the voltage monitor 1 reset, set the VCA26 bit to “1”.
After the VCA26 bit is set from “0” to “1”, the voltage detection circuit elapses for td(E-A) before starting operation.
When using the voltage monitor 2 interrupt / reset or the VCA13 bit in the VCA1 register, set the VCA27 bit to “1”.
After the VCA27 bit is from “0” to “1”, the voltage detection circuit elapses for td(E-A) before starting operation.
The softw are reset, w atchdog timer reset and voltage monitor 2 reset do not affect this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com