Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 29Page - Renesas Technology Corp R8C/17 Datasheet HTML 30Page - Renesas Technology Corp R8C/17 Datasheet HTML 31Page - Renesas Technology Corp R8C/17 Datasheet HTML 32Page - Renesas Technology Corp R8C/17 Datasheet HTML 33Page - Renesas Technology Corp R8C/17 Datasheet HTML 34Page - Renesas Technology Corp R8C/17 Datasheet HTML 35Page - Renesas Technology Corp R8C/17 Datasheet HTML 36Page - Renesas Technology Corp R8C/17 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 279 page
background image
R8C/16 Group, R8C/17 Group
5. Reset
Rev.2.10
Jan 19, 2006
Page 20 of 254
REJ09B0169-0210
Table 5.2 shows the Pin Status after Reset, Figure 5.2 shows CPU Register Status after Reset and
Figure 5.3 shows Reset Sequence.
Figure 5.2
CPU Register Status after Reset
Figure 5.3
Reset Sequence
Table 5.2
Pin Status after Reset
Pin Name
Pin Status
P1
Input Port
P3_3 to P3_5, P3_7
Input Port
P4_5 to P4_7
Input Port
b19
b0
Interrupt Table register(INTB)
Program Counter(PC)
User Stack Pointer(USP)
Interrupt Stack Pointer(ISP)
Static Base Register(SB)
Content of addresses 0FFFEh to 0FFFCh
Flag Register(FLG)
C
IPL
D
Z
S
B
O
I
U
b15
b0
b15
b0
b15
b0
b8
b7
b15
b0
0000h
0000h
0000h
0000h
0000h
0000h
0000h
Data Register(R0)
Data Register(R1)
Data Register(R2)
Data Register(R3)
Address Register(A0)
Address Register(A1)
Frame Base Register(FB)
00000h
0000h
0000h
0000h
0000h
CPU Clock
× 28 Cycles
0FFFCh
0FFFEh
0FFFDh
Content of Reset Vector
20 cycles or above are needed(1)
fRING-S
Internal Reset
Signal
CPU Clock
Address
(Internal Address
Signal)
NOTES:
1. This shows hardware reset
Flash memory activated time
(CPU Clock
× 72 Cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com