Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 58Page - Renesas Technology Corp R8C/17 Datasheet HTML 59Page - Renesas Technology Corp R8C/17 Datasheet HTML 60Page - Renesas Technology Corp R8C/17 Datasheet HTML 61Page - Renesas Technology Corp R8C/17 Datasheet HTML 62Page - Renesas Technology Corp R8C/17 Datasheet HTML 63Page - Renesas Technology Corp R8C/17 Datasheet HTML 64Page - Renesas Technology Corp R8C/17 Datasheet HTML 65Page - Renesas Technology Corp R8C/17 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 279 page
background image
R8C/16 Group, R8C/17 Group
9. Clock Generation Circuit
Rev.2.10
Jan 19, 2006
Page 49 of 254
REJ09B0169-0210
9.4.1.1
High-Speed Mode
The main clock divided-by-1 (no division) provides the CPU clock. If the CM14 bit is set to “0” (low-
speed on-chip oscillator on) or the HRA00 bit in the HRA0 register is set to “1” (high-speed on-chip
oscillator on), the fRING and fRING128 can be used for timers X and C. When the HRA00 bit is set to
“1”, fRING-fast can be used for timer C. When the CM14 bit is set to “0” (low-speed on-chip oscillator
on), fRING-S can be used for the watchdog timer and voltage detection circuit.
9.4.1.2
Medium-Speed Mode
The main clock divided-by-2, -4, -8 or -16 provides the CPU clock. If the CM14 bit is set to “0” (low-
speed on-chip oscillator on) or the HRA00 bit in the HRA0 register is set to “1” (high-speed on-chip
oscillator on), the fRING and fRING128 can be used for timers X and C. When the HRA00 bit is set to
“1”, fRING-fast can be used for timer C. When the CM14 bit is set to “0” (low-speed on-chip oscillator
on), fRING-S can be used for the watchdog timer and voltage detection circuit.
9.4.1.3
High-Speed, Low-Speed On-Chip Oscillator Mode
The on-chip oscillator clock divided-by-1 (no division), -2, -4, -8 or -16 provides the CPU clock. The
on-chip oscillator clock is also the clock source for the peripheral function clocks. When the HRA00
bit is set to “1”, fRING-fast can be used for timer C. When the CM14 bit is set to “0” (low-speed on-
chip oscillator on), fRING-S can be used for the watchdog timer and voltage detection circuit.
9.4.2
Wait Mode
Since the CPU clock stops in wait mode, the CPU operated in the CPU clock and the watchdog timer
in the CPU clock operating mode stop. The main clock and on-chip oscillator clock do not stop and
the peripheral functions using these clocks maintain operating.
9.4.2.1
Peripheral Function Clock Stop Function
If the CM02 bit is set to “1” (peripheral function clock stops in wait mode), the f1, f2, f4, f8 and f32
clocks stop in wait mode. The power consumption can be reduced.
9.4.2.2
Entering Wait Mode
The microcomputer enters wait mode by executing the WAIT instruction.
9.4.2.3
Pin Status in Wait Mode
The status before entering wait mode is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com