Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 110Page - Renesas Technology Corp R8C/17 Datasheet HTML 111Page - Renesas Technology Corp R8C/17 Datasheet HTML 112Page - Renesas Technology Corp R8C/17 Datasheet HTML 113Page - Renesas Technology Corp R8C/17 Datasheet HTML 114Page - Renesas Technology Corp R8C/17 Datasheet HTML 115Page - Renesas Technology Corp R8C/17 Datasheet HTML 116Page - Renesas Technology Corp R8C/17 Datasheet HTML 117Page - Renesas Technology Corp R8C/17 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 101 of 254
REJ09B0169-0210
Figure 13.14
TZOC, and PUM Registers
Timer Z Output Control Register
(3)
Symbol
Address
After Reset
TZOC
008Ah
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
3. If executing an instruction w hich changes this register w hen the TZOS bit is set to “1” (during count), the TZOS bit is
automatically set to “0” (one-shot stops) w hen the count is completed w hile the instruction is executed. If this
causes some problems, execute an instruction w hich changes this register w hen the TZOS bit is set to “0” (one-
shot stops).
b3 b2 b1 b0
TZOS
RW
0
b7 b6 b5 b4
Timer Z One-Shot Start Bit(1)
0 : One-shot stops
1 : One-shot starts
Reserved Bit
Set to “0”
RW
—
(b1)
RW
Timer Z Programmable Waveform
Generation Output Sw itch Bit(2)
0 : Outputs programmable w aveform
1 : Outputs value in P1_3 port register
TZOCNT
This bit is set to “0” w hen the output of one-shot w aveform is completed. Set the TZOS bit to “0” w hen the
w aveform output is stopped by setting the TZS bit in the TZMR register to “0” (count stops) during the one-shot
w aveform output.
This bit is enabled only w hen operating in programmable w aveform generation mode.
Nothing is assigned. When w rite, set to “0”.
When read, its content is “0”.
—
(b7-b3)
—
Timer Z Waveform Output Control Register
Symbol
Address
After Reset
PUM
0084h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
Pin One-shot Trigger Control
0 : INT0
_____
pin one-shot trigger disabled
Bit(2)
1 : INT0
_____
pin one-shot trigger enabled
INT0
_____
Pin One-shot Trigger Polarity
Select Bit(1)
NOTES :
1.
2.
RW
RW
INOSEG
RW
0 : Falling edge trigger
1 : Rising edge trigger
INOSTG
Timer Z Output Level Latch
0
Reserved Bit
Set to “0”
TZOPL
RW
b7 b6 b5 b4
00
When the INOSEG bit is enabled only w hen the INT0PL bit in the INTEN register is set to “0” (one edge).
Set the INOSTG bit to “1” w hen setting the INT0EN bit in the INTEN register and the INOSEG bit in the PUM register.
0
b3 b2
Function varies depending on operating
mode
b1 b0
0
—
(b4-b0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com