Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 133Page - Renesas Technology Corp R8C/17 Datasheet HTML 134Page - Renesas Technology Corp R8C/17 Datasheet HTML 135Page - Renesas Technology Corp R8C/17 Datasheet HTML 136Page - Renesas Technology Corp R8C/17 Datasheet HTML 137Page - Renesas Technology Corp R8C/17 Datasheet HTML 138Page - Renesas Technology Corp R8C/17 Datasheet HTML 139Page - Renesas Technology Corp R8C/17 Datasheet HTML 140Page - Renesas Technology Corp R8C/17 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 124 of 254
REJ09B0169-0210
Figure 13.31
Operating Example in Output Compare Mode
Set value in TM1 register
0000h
Count start
Match
Time
TCC00 bit in
TCC0 register
“1”
“0”
IR bit in CMP0IC
register
“1”
“0”
TCC12 bit in TCC1 register = 1 (TC register is set to “0000h” at Compare 1 match occurrence )
TCC13 bit in TCC1 register = 1 (Compare 0 output selected)
TCC15 to TCC14 bits in TCC1 register = 11b (CMP output level is set to high at Compare 0 match occurrence)
TCC17 to TCC16 bits in TCC1 register = 10b (CMP output level is set to low at Compare 1 match occurrence)
TCOUT6 bit in TCOUT register = 0 (not reversed)
TCOUT7 bit in TCOUT register = 1 (reversed)
TCOUT0 bit in TCOUT register = 1 (CMP0_0 output enabled)
TCOUT3 bit in TCOUT register = 1 (CMP1_0 output enabled)
P1_0 bit in P1 register = 1 (high)
P3_0 bit in P3 register = 1 (high)
Set to "1" by program
IR bit in CMP1IC
register
“1”
“0”
Set value in TM0 register
Match
Match
CMP0_0 output
“1”
“0”
“1”
“0”
CMP1_0 output
Set to “0” when interrupt request is accepted, or set by program
Set to “0” when interrupt request is
accepted, or set by program
Conditions :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com