Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 231Page - Renesas Technology Corp R8C/17 Datasheet HTML 232Page - Renesas Technology Corp R8C/17 Datasheet HTML 233Page - Renesas Technology Corp R8C/17 Datasheet HTML 234Page - Renesas Technology Corp R8C/17 Datasheet HTML 235Page - Renesas Technology Corp R8C/17 Datasheet HTML 236Page - Renesas Technology Corp R8C/17 Datasheet HTML 237Page - Renesas Technology Corp R8C/17 Datasheet HTML 238Page - Renesas Technology Corp R8C/17 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 279 page
background image
R8C/16 Group, R8C/17 Group
19. Electrical Characteristics
Rev.2.10
Jan 19, 2006
Page 222 of 254
REJ09B0169-0210
NOTES:
1.
VCC = AVcc = 2.7 to 5.5V at Topr = 0 to 60
°C, unless otherwise specified.
2.
Definition of program and erase
The program and erase endurance shows an erase endurance for every block.
If the program and erase endurance is “n” times (n = 100, 10000), “n” times erase can be performed for every block.
For example, if performing 1-byte write to the distinct addresses on Block A of 1Kbyte block 1,024 times and then erasing that
block, program and erase endurance is counted as one time.
However, do not perform multiple programs to the same address for one time ease.(disable overwriting).
3.
Endurance to guarantee all electrical characteristics after program and erase.(1 to “Min.” value can be guaranateed).
4.
In the case of a system to execute multiple programs, perform one erase after programming as reducing effective reprogram
endurance not to leave blank area as possible such as programming write addresses in turn. If programming a set of 16
bytes, programming up to 128 sets and then erasing them one time can reduce effective reprogram endurance. Additionally,
averaging erase endurance for Block A and B can reduce effective reprogram endurance more. To leave erase endurance for
every block as information and determine the restricted endurance are recommended.
5.
If error occurs during block erase, attempt to execute the clear status register command, then the block erase command at
least three times until the erase error does not occur.
6.
Customers desiring Program/Erase failure rate information should contact their Renesas technical support representative.
7.
The data hold time incudes time that the power supply is off or the clock is not supplied.
Table 19.4
Flash Memory (Program ROM) Electrical Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Program/Erase Endurance(2)
R8C/16 Group
100(3)
−−
times
R8C/17 Group
1,000(3)
−−
times
−
Byte Program Time
VCC = 5.0 V at Topr = 25
°C
−
50
400
µs
−
Block Erase Time
VCC = 5.0 V at Topr = 25
°C
−
0.4
9
s
td(SR-ES)
Time Delay from Suspend Request until
Erase Suspend
−−
8ms
−
Erase Suspend Request Interval
10
−−
ms
−
Program, Erase Voltage
2.7
−
5.5
V
−
Read Voltage
2.7
−
5.5
V
−
Program, Erase Temperature
0
−
60
°C
−
Data Hold Time(7)
Ambient temperature = 55
°C20
−−
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com