Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 238Page - Renesas Technology Corp R8C/17 Datasheet HTML 239Page - Renesas Technology Corp R8C/17 Datasheet HTML 240Page - Renesas Technology Corp R8C/17 Datasheet HTML 241Page - Renesas Technology Corp R8C/17 Datasheet HTML 242Page - Renesas Technology Corp R8C/17 Datasheet HTML 243Page - Renesas Technology Corp R8C/17 Datasheet HTML 244Page - Renesas Technology Corp R8C/17 Datasheet HTML 245Page - Renesas Technology Corp R8C/17 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 279 page
background image
R8C/16 Group, R8C/17 Group
19. Electrical Characteristics
Rev.2.10
Jan 19, 2006
Page 229 of 254
REJ09B0169-0210
Table 19.14
Electrical Characteristics (2) [Vcc = 5V] (Topr = -40 to 85
°C, unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power Supply
Current
(VCC=3.3 to 5.5V)
In single-chip mode,
the output pins are
open and other pins
are VSS
High-Speed
Mode
XIN = 20MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125kHz
No division
−
915
mA
XIN = 16MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125kHz
No division
−
814
mA
XIN = 10MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125kHz
No division
−
5
−
mA
Medium-
Speed Mode
XIN = 20MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125kHz
Divide-by-8
−
4
−
mA
XIN = 16MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125kHz
Divide-by-8
−
3
−
mA
XIN = 10MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125kHz
Divide-by-8
−
2
−
mA
High-Speed
On-Chip
Oscillator
Mode
Main clock off
High-speed on-chip oscillator on=8MHz
Low-speed on-chip oscillator on=125kHz
No division
−
48
mA
Main clock off
High-speed on-chip oscillator on=8MHz
Low-speed on-chip oscillator on=125kHz
Divide-by-8
−
1.5
−
mA
Low-Speed
On-Chip
Oscillator
Mode
Main clock off
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125kHz
Divide-by-8
−
470
900
µA
Wait Mode
Main clock off
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125kHz
While a WAIT instruction is executed
Peripheral clock operation
VCA26 = VCA27 = 0
−
40
80
µA
Wait Mode
Main clock off
High-speed on-chip oscillator off
Low-speed on-chip oscillator on=125kHz
While a WAIT instruction is executed
Peripheral clock off
VCA26 = VCA27 = 0
−
38
76
µA
Stop Mode
Main clock off, Topr = 25
°C
High-speed on-chip oscillator off
Low-speed on-chip oscillator off
CM10 = 1
Peripheral clock off
VCA26 = VCA27 = 0
−
0.8
3.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com