Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 255Page - Renesas Technology Corp R8C/17 Datasheet HTML 256Page - Renesas Technology Corp R8C/17 Datasheet HTML 257Page - Renesas Technology Corp R8C/17 Datasheet HTML 258Page - Renesas Technology Corp R8C/17 Datasheet HTML 259Page - Renesas Technology Corp R8C/17 Datasheet HTML 260Page - Renesas Technology Corp R8C/17 Datasheet HTML 261Page - Renesas Technology Corp R8C/17 Datasheet HTML 262Page - Renesas Technology Corp R8C/17 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 279 page
background image
R8C/16 Group, R8C/17 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 246 of 254
REJ09B0169-0210
20.8
Flash Memory Version
20.8.1
CPU Rewrite Mode
20.8.1.1
Operating Speed
Before entering CPU rewrite mode (EW0 mode), select 5MHz or below for the CPU clock using the
CM06 bit in the CM0 register and the CM16 to CM17 bits in the CM1 register. This usage note is not
needed for EW1 mode.
20.8.1.2
Instructions Disabled Against Use
The following instructions cannot be used in EW0 mode because the flash memory internal data is
referenced: UND, INTO, and BRK instructions.
20.8.1.3
Interrupts
Table 20.1 lists the Interrupt in EW0 Mode and Table 20.2 lists the Interrupt in EW1 Mode.
NOTES:
1. Do not use the address match interrupt while the command is executed because the vector of the
address match interrupt is allocated on ROM.
2. Do not use the non-maskable interrupt while Block 0 is automatically erased because the fixed
vector is allocated Block 0.
Table 20.1
Interrupt in EW0 Mode
Mode
Status
When maskable interrupt
request is acknowledged
When watchdog timer, oscillation stop
detection and voltage monitor 2 interrupt
request are acknowledged
EW0 During automatic erasing Any interrupt can be used
by allocating a vector to
RAM
Once an interrupt request is acknowledged,
the auto-programming or auto-erasing is
forcibly stopped immediately and resets the
flash memory. An interrupt process starts
after the fixed period and the flash memory
restarts. Since the block during the auto-
erasing or the address during the auto-
pro grammin g is fo rcibly stop ped, the
normal value may not be read. Execute the
auto-erasing again and ensure the auto-
erasing is completed normally.
Since the watchdog timer does not stop
dur ing the comman d oper atio n, the
interrupt request may be generated. Reset
the watchdog timer regularly.
Automatic writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com