Electronic Components Datasheet Search
  English  ▼

X  

R8C/17 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # R8C/17
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/17 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button R8C/17 Datasheet HTML 268Page - Renesas Technology Corp R8C/17 Datasheet HTML 269Page - Renesas Technology Corp R8C/17 Datasheet HTML 270Page - Renesas Technology Corp R8C/17 Datasheet HTML 271Page - Renesas Technology Corp R8C/17 Datasheet HTML 272Page - Renesas Technology Corp R8C/17 Datasheet HTML 273Page - Renesas Technology Corp R8C/17 Datasheet HTML 274Page - Renesas Technology Corp R8C/17 Datasheet HTML 275Page - Renesas Technology Corp R8C/17 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 279 page
background image
C - 5
REVISION HISTORY
R8C/16 Group, R8C/17 Group Hardware
Rev.
Date
Description
Page
Summary
2.00
Jan 12, 2006
8
Figure 1.5 PRDP0020BA-A Package Pin Assignment (top view) deleted
Table 1.5 Pin Description;
Timer C:
“CMP0_0 to CMP0_3, CMP1_0 to CMP1_3”
→
“CMP0_0 to CMP0_2, CMP1_0 to CMP1_2” revised
10
Figure 2.1 CPU Register;
“Reserved Area”
→ “Reserved Bit” revised
12
2.8.10 Reserved Area;
“Reserved Area”
→ “Reserved Bit” revised
13
Figure 3.1 Memory Map of R8C/16 Group revised
14
3.2 R8C/17 Group, Figure 3.2 Memory Map of R8C/17 Group revised
15
Table 4.1 SFR Information(1);
0009h:
“XXXXXX00b”
→ “00h”
000Ah:
“00XXX000b”
→ “00h”
001Eh:
“XXXXX000b”
→ “00h”
17
Table 4.3 SFR Information(3);
0085h:
“Prescaler Z”
→ “Prescaler Z Register”
0086h:
“Timer Z Secondary”
→ “Timer Z Secondary Register”
0087h:
“Timer Z Primary”
→ “Timer Z Primary Register”
008Ch:
“Prescaler X”
→ “Prescaler X Register”
008Dh:
“Timer X”
→ “Timer X Register”
0090h, 0091h: “Timer C”
→ “Timer C Register” revised
20
Figure 5.3 Reset Sequence revised
23
5.2 Power-On Reset Function;
“When a capacitor is connected to ... 0.8VCC or more.” added
29
Figure 6.5 VW1C Register revised
30
Figure 6.6 VW2C Register NOTE10 added
32
Table 6.2 Setting Procedure of Voltage Monitor 1 Reset Associated Bit
revised
33
Table 6.3 Setting Procedure of Voltage Monitor 2 Interrupt and Voltage
Monitor 2 Reset Associated Bit revised
37
Table 8.2 Bus Cycles for Access Space of the R8C/17 Group added,
Table 8.3 Access Unit and Bus Operation;
“SFR”
→ “SFR, Data flash”,
“ROM/RAM”
→ “ROM (Program ROM), RAM” revised
38
Table 9.1 Specification of Clock Generation Circuit NOTE2 deleted
39
Figure 9.1 Clock Generation Circuit revised
40
Figure 9.2 CM0 Register NOTE2 revised
42
Figure 9.4 OCD Register NOTES 3, 4 revised
43
Figure 9.5 HRA0 Register NOTE2 revised
45
9.1 Main Clock;
“After reset, ...”
→ “During reset and after reset, ...” revised
REVISION HISTORY
R8C/16 Group, R8C/17 Group Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com