Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 102Page - Renesas Technology Corp R8C/16 Datasheet HTML 103Page - Renesas Technology Corp R8C/16 Datasheet HTML 104Page - Renesas Technology Corp R8C/16 Datasheet HTML 105Page - Renesas Technology Corp R8C/16 Datasheet HTML 106Page - Renesas Technology Corp R8C/16 Datasheet HTML 107Page - Renesas Technology Corp R8C/16 Datasheet HTML 108Page - Renesas Technology Corp R8C/16 Datasheet HTML 109Page - Renesas Technology Corp R8C/16 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 93 of 254
REJ09B0169-0210
Figure 13.7
TXMR Register in Pulse Width Measurement Mode
Timer X Mode Register
Symbol
Address
After Reset
TXMR
008Bh
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/CNTR0 Signal
Polarity Sw itch Bit(1)
[INT1]
_______
RW
0 : Rising edge
1 : Falling edge
NOTES :
1.
2.
1
1
The IR bit in the INT1IC register may be set to “1” (requests interrupt) w hen the R0EDG bit is rew ritten.
Refer to 20.2.5 Changing Interrupt Factor.
R0EDG
RW
TXOCNT
RW
TXMOD2
Set to “0” in pulse w idth measurement mode
TXMOD0
RW
Operating Mode Select Bit 0, 1
b1 b0
1 1 : Pulse w idth measurement mode
TXMOD1
RW
b0
0000
b7 b6 b5 b4
Set to “0” in pulse w idth measurement mode
RW
b3 b2
[CNTR0]
0 : Measures “L” level w idth
1 : Measures “H” level w idth
TXS
Timer X Count Start Flag(2)
0 : Stops counting
1 : Starts counting
b1
Refer to 20.4.2 Tim er X for precautions on the TXS bit.
Set to “0” in pulse w idth measurement mode
Set to “0” in pulse w idth measurement mode
RW
TXUND
RW
TXEDG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com