Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 103Page - Renesas Technology Corp R8C/16 Datasheet HTML 104Page - Renesas Technology Corp R8C/16 Datasheet HTML 105Page - Renesas Technology Corp R8C/16 Datasheet HTML 106Page - Renesas Technology Corp R8C/16 Datasheet HTML 107Page - Renesas Technology Corp R8C/16 Datasheet HTML 108Page - Renesas Technology Corp R8C/16 Datasheet HTML 109Page - Renesas Technology Corp R8C/16 Datasheet HTML 110Page - Renesas Technology Corp R8C/16 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 94 of 254
REJ09B0169-0210
Figure 13.8
Operating Example in Pulse Width Measurement Mode
FFFFh
n
0000h
n = high-level: the contents of TX register, low-level: the contents of PREX register
Count Start
Count Stop
Underflow
Count Stop
Count Start
Period
TXS Bit in
TXMR Register
“1”
“0”
Measurement Pulse
(CNTR0i Pin Input)
“1”
“0”
IR Bit in INT1IC
Register
“1”
“0”
IR Bit in TXIC
Register
“1”
“0”
Conditions: “H” level width of measurement pulse is measured. (R0EDG=1)
i=0 to 1
Set to “1” by program
Set to “0” when interrupt request is acknowledged, or set by program
Set to “0” when interrupt request is acknowledged, or set by program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com