Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 107Page - Renesas Technology Corp R8C/16 Datasheet HTML 108Page - Renesas Technology Corp R8C/16 Datasheet HTML 109Page - Renesas Technology Corp R8C/16 Datasheet HTML 110Page - Renesas Technology Corp R8C/16 Datasheet HTML 111Page - Renesas Technology Corp R8C/16 Datasheet HTML 112Page - Renesas Technology Corp R8C/16 Datasheet HTML 113Page - Renesas Technology Corp R8C/16 Datasheet HTML 114Page - Renesas Technology Corp R8C/16 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 98 of 254
REJ09B0169-0210
13.2
Timer Z
Timer Z is an 8-bit timer with an 8-bit prescaler. The prescaler and timer consist of the reload register and
counter. The reload register and counter are allocated at the same address. Refer to the Tables 13.7 to
13.12 for the Specification of Each Mode. Timer Z contains the timer Z primary and timer Z secondary
as the reload register.
Figure 13.11 shows the Block Diagram of Timer Z. Figures 13.12 to 13.15 show the TZMR, PREZ,
TZSC, TZPR, TZOC, PUM, and TCSS registers.
Timer Z contains the following four operating modes.
• Timer mode:
The timer counts an internal count source or
Timer X underflow.
• Programmable waveform generation mode:
The timer outputs pulses of a given width
successively.
• Programmable one-shot generation mode:
The timer outputs one-shot pulse.
• Programmable wait one-shot generation mode:
The timer outputs delayed one-shot pulse.
Figure 13.11
Block Diagram of Timer Z
=00b
=01b
=11b
f8
f1
=10b
Timer X Underflow
TZCK1 to TZCK0
TZS
Counter
Reload Register
PREZ Register
TZPR Register
Data Bus
Timer Z Interrupt
INT0 Interrupt
Write to TZMR Register
TZMOD0 to TZMOD1, TZS : Bits in TZMR Register
TZOS, TZOCNT : Bits in TZOC Register
Toggle
Flip-Flop
Q
Q
CLR
CK
TZOPL=1
TZOPL=0
TZOUT
TZSC Register
Reload Register
Counter
Reload Register
TZOCNT=0
TZOCNT=1
P1_3 Bit in P1 Register
TZOPL, INOSTG : Bits in PUM Register
TZCK0 to TZCK1 : Bits in TCSS Register
INT0EN, INT0PL : Bits in INTEN Register
f2
TZMOD1 to TZMOD0=10b, 11b
TZOS
Polarity
Select
INOSEG
Digital Filter
INT0
INT0EN
INT0PL
TZMOD1 to TZMOD0=01b, 10b, 11b
TZMOD1 to TZMOD0
=01b, 10b, 11b
Input polarity selected to
be one edge or both edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com