Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 109Page - Renesas Technology Corp R8C/16 Datasheet HTML 110Page - Renesas Technology Corp R8C/16 Datasheet HTML 111Page - Renesas Technology Corp R8C/16 Datasheet HTML 112Page - Renesas Technology Corp R8C/16 Datasheet HTML 113Page - Renesas Technology Corp R8C/16 Datasheet HTML 114Page - Renesas Technology Corp R8C/16 Datasheet HTML 115Page - Renesas Technology Corp R8C/16 Datasheet HTML 116Page - Renesas Technology Corp R8C/16 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 100 of 254
REJ09B0169-0210
Figure 13.13
PREZ, TZSC, and TZPR Registers
Prescaler Z Register
Symbol
Address
After Reset
PREZ
0085h
FFh
Mode
Function
Setting Range
RW
Programmable Waveform
Generation Mode
RW
Counts internal count source or Timer X
underflow
00h to FFh
Timer Mode
RW
Counts internal count source or Timer X
underflow
00h to FFh
b7
b0
Programmable One-Shot
Generation Mode
Counts internal count source or Timer X
underflow
00h to FFh
RW
Programmable Wait One-
Shot Generation Mode
Counts internal count source or Timer X
underflow
00h to FFh
RW
Timer Z Secondary Register
Symbol
Address
After Reset
TZSC
0086h
FFh
Mode
Function
Setting Range
RW
NOTES :
1.
2.
Programmable Wait One-
Shot Generation Mode
Counts underflow of Prescaler Z (one-shot
w idth is counted)
00h to FFh
WO
Programmable One-Shot
Generation Mode
Disabled
——
Programmable Waveform
Generation Mode
WO(2)
Counts underflow of Prescaler Z(1)
00h to FFh
Disabled
—
b7
Each value in the TZPR register and TZSC register is reloaded to the counter alternately and counted.
The count value can be read out by reading the TZPR register even w hen the secondary period is being
counted.
b0
Timer Mode
—
Timer Z Primary Register
Symbol
Address
After Reset
TZPR
0087h
FFh
Mode
Function
Setting Range
RW
NOTES :
1.
Programmable Wait One-
Shot Generation Mode
Counts underflow of Prescaler Z
(counts w ait period)
00h to FFh
RW
Programmable One-Shot
Generation Mode
Counts underflow of Prescaler Z
(counts one-shot w idth)
00h to FFh
RW
RW
Counts underflow of Prescaler Z(1)
00h to FFh
00h to FFh
Programmable Waveform
Generation Mode
b7
Each value in the TZPR register and TZSC register is reloaded to the counter alternately and counted.
b0
Timer Mode
RW
Counts underflow of Prescaler Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com