Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 108Page - Renesas Technology Corp R8C/16 Datasheet HTML 109Page - Renesas Technology Corp R8C/16 Datasheet HTML 110Page - Renesas Technology Corp R8C/16 Datasheet HTML 111Page - Renesas Technology Corp R8C/16 Datasheet HTML 112Page - Renesas Technology Corp R8C/16 Datasheet HTML 113Page - Renesas Technology Corp R8C/16 Datasheet HTML 114Page - Renesas Technology Corp R8C/16 Datasheet HTML 115Page - Renesas Technology Corp R8C/16 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 279 page
background image
R8C/16 Group, R8C/17 Group
13. Timers
Rev.2.10
Jan 19, 2006
Page 99 of 254
REJ09B0169-0210
Figure 13.12
TZMR Register
Timer Z Mode Register
Symbol
Address
After Reset
TZMR
0080h
00h
Bit Symbol
Bit Name
Function
RW
Functions varies depending on operating mode
NOTES :
1. Refer to 20.4.3 Tim er Z for precautions on the TZS bit.
TZS
RW
TZWC
Timer Z Write Control Bit
Timer Z Count Start
Flag(1)
0 : Stops counting
1 : Starts counting
0
RW
b3 b2 b1 b0
00
TZMOD1
RW
b7 b6 b5 b4
RW
RW
Reserved Bit
Set to “0”
0
TZMOD0
Timer Z Operating Mode
Bit
b5 b4
0 0 : Timer mode
0 1 : Programmable w aveform generation mode
1 0 : Programmable one-shot generation mode
1 1 : Programmable w ait one-shot generation mode
—
(b3-b0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com