Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 177Page - Renesas Technology Corp R8C/16 Datasheet HTML 178Page - Renesas Technology Corp R8C/16 Datasheet HTML 179Page - Renesas Technology Corp R8C/16 Datasheet HTML 180Page - Renesas Technology Corp R8C/16 Datasheet HTML 181Page - Renesas Technology Corp R8C/16 Datasheet HTML 182Page - Renesas Technology Corp R8C/16 Datasheet HTML 183Page - Renesas Technology Corp R8C/16 Datasheet HTML 184Page - Renesas Technology Corp R8C/16 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 168 of 254
REJ09B0169-0210
Figure 15.24
Example of Register Setting in Master Receive Mode
End
RDRF=1 ?
Master Receive Mode
No
Yes
(1) Set the TEND bit to “0” and set to master transmit mode.
Set the TDRE bit to “0”(1,2)
(2) Set the ACKBT bit to the transmit device(1)
(3) Dummy-read to the ICDRR register(1)
(4) Wait for 1 byte to be received
(5) Judge (last receive - 1)
(6) Read the receive data
(7) Set the ACKBT bit of the last byte and set to disable the
continuous receive (RCVD=1)(2)
(8) Read the receive data of (last byte - 1)
(9) Wait the last byte is received
(10) Set the STOP bit to “0”
(11) Generate the stop condition
(12) Wait the stop condition is generated
(13) Read the receive data of the last byte
(14) Set the RCVD bit to “0”
(15) Set to slave receive mode
ICCR1 Register
TRS Bit
← 0
Dummy-read in ICDRR register
Read RDRF bit in ICSR register
Last receive
- 1 ?
ICSR Register
TEND Bit
← 0
ICSR Register
STOP Bit
← 0
ICCR2 Register
SCP Bit
← 0
BBSY Bit
← 0
Read STOP bit in ICSR register
STOP=1 ?
ICSR Register
TDRE Bit
← 0
No
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(12)
(10)
(13)
(14)
(11)
(9)
(15)
ICIER Register
ACKBT Bit
← 0
No
Yes
Read ICDRR register
ICIER Register
ACKBT Bit
← 1
ICCR1 Register
RCVD Bit
← 1
Read ICDRR register
Read RDRF bit in ICSR register
RDRF=1 ?
Read ICDRR register
ICCR1 Register
RCVD Bit
← 0
ICCR1 Register
MST Bit
← 0
No
Yes
Yes
NOTES:
1. Do not generate the interrupt during the process of step (1) to (3).
2. When receiving 1 byte, skip step (2) to (6) after (1) and jump to process of step (7).
Process of step (8) is dummy-read in the ICDRR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com