Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 178Page - Renesas Technology Corp R8C/16 Datasheet HTML 179Page - Renesas Technology Corp R8C/16 Datasheet HTML 180Page - Renesas Technology Corp R8C/16 Datasheet HTML 181Page - Renesas Technology Corp R8C/16 Datasheet HTML 182Page - Renesas Technology Corp R8C/16 Datasheet HTML 183Page - Renesas Technology Corp R8C/16 Datasheet HTML 184Page - Renesas Technology Corp R8C/16 Datasheet HTML 185Page - Renesas Technology Corp R8C/16 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 279 page
background image
R8C/16 Group, R8C/17 Group
15. I2C bus interface (IIC)
Rev.2.10
Jan 19, 2006
Page 169 of 254
REJ09B0169-0210
Figure 15.25
Example of Register Setting in Slave Transmit Mode
End
Write transmit data to ICDRT register
Slave Transmit Mode
No
Yes
(1) Set the AAS bit to “0”
(2) Set the transmit data (except the last byte)
(3) Wait the ICRDT register is empty
(4) Set the transmit data of the last byte
(5) Wait the last byte is transmitted
(6) Set the TEND bit to “0”
(7) Set to slave receive mode
(8) Dummy-read in the ICDRR register to release the
SCL signal
(9) Set the TDRE bit to “0”
TDRE=1 ?
Read TDRE bit in ICSR register
Last byte ?
Write transmit data to ICDRT register
TEND=1 ?
Read TEND bit in ICSR register
ICSR Register
TEND Bit
← 0
ICSR Register
AAS Bit
← 0
ICCR1 Register
TRS Bit
← 0
ICSR Register
TDRE Bit
← 0
No
Yes
No
Yes
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
Dummy-read in ICDRR register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com