Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 221 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 217Page - Renesas Technology Corp R8C/16 Datasheet HTML 218Page - Renesas Technology Corp R8C/16 Datasheet HTML 219Page - Renesas Technology Corp R8C/16 Datasheet HTML 220Page - Renesas Technology Corp R8C/16 Datasheet HTML 221Page - Renesas Technology Corp R8C/16 Datasheet HTML 222Page - Renesas Technology Corp R8C/16 Datasheet HTML 223Page - Renesas Technology Corp R8C/16 Datasheet HTML 224Page - Renesas Technology Corp R8C/16 Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 279 page
background image
R8C/16 Group, R8C/17 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 208 of 254
REJ09B0169-0210
18.4.3
Software Commands
Software commands are described below. Read or write commands and data from or to in 8-bit units.
SRD: Status register
data (D7 to D0)
WA: Write address (Ensure the address specified in the first bus cycle is the same address as the
address specified in the second bus cycle.)
WD: Write data (8 bits)
BA: Given block address
×:
Any specified address in the user ROM area
18.4.3.1
Read Array Command
The read array command reads the flash memory.
The microcomputer enters read array mode by writing “FFh” in the first bus cycle. If entering the read
address after the following bus cycles, the content of the specified address can be read in 8-bit units.
Since the microcomputer remains in read array mode until another command is written, the contents
of multiple addresses can be read continuously.
18.4.3.2
Read Status Register Command
The read status register command reads the status register.
If writing “70h” in the first bus cycle, the status register can be read in the second bus cycle. (Refer to
18.4.4 Status Register
.) When reading the status register, specify an address in the user ROM area.
Do not execute this command in EW1 mode.
18.4.3.3
Clear Status Register Command
The clear status register command sets the status register to “0”.
If writing “50h” in the first bus cycle, the FMR06 to FMR07 bits in the FMR0 register and SR4 to SR5
in the status register will be set to “0”.
Table 18.4
Software Commands
Command
First Bus Cycle
Second Bus Cycle
Mode
Address
Data
(D7 to D0)
Mode
Address
Data
(
D7 to D0)
Read Array
Write
×
FFh
Read Status Register
Write
×
70h
Read
×
SRD
Clear Status Register
Write
×
50h
Program
Write
WA
40h
Write
WA
WD
Block Erase
Write
×
20h
Write
BA
D0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com