Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 221Page - Renesas Technology Corp R8C/16 Datasheet HTML 222Page - Renesas Technology Corp R8C/16 Datasheet HTML 223Page - Renesas Technology Corp R8C/16 Datasheet HTML 224Page - Renesas Technology Corp R8C/16 Datasheet HTML 225Page - Renesas Technology Corp R8C/16 Datasheet HTML 226Page - Renesas Technology Corp R8C/16 Datasheet HTML 227Page - Renesas Technology Corp R8C/16 Datasheet HTML 228Page - Renesas Technology Corp R8C/16 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 279 page
background image
R8C/16 Group, R8C/17 Group
18. Flash Memory Version
Rev.2.10
Jan 19, 2006
Page 212 of 254
REJ09B0169-0210
18.4.4
Status Register
The status register indicates the operating status of the flash memory and whether an erasing or
programming operation completes normally or in error. Status of the status register can be read by
the FMR00, FMR06, and FMR07 bits in the FMR0 register.
Table 18.5 lists the Status Register.
In EW0 mode, the status register can be read in the following cases:
• When a given address in the user ROM area is read after writing the read status register
command
• When a given address in the user ROM area is read after executing the program or block erase
command but before executing the read array command.
18.4.4.1
Sequencer Status (SR7 and FMR00 Bits)
The sequencer status indicates operating status of the flash memory. SR7 = 0 (busy) during auto
programming and auto erasing, and is set to “1” (ready) at the same time the operation completes.
18.4.4.2
Erase Status (SR5 and FMR07 Bits)
Refer to 18.4.5 Full Status Check.
18.4.4.3
Program Status (SR4 and FMR06 Bits)
Refer to 18.4.5 Full Status Check.
• D0 to D7: Indicates the data bus which is read when the read status register command is executed.
• The FMR07 (SR5) to FMR06 bits (SR4) are set to “0” by executing the clear status register command.
• When the FMR07 bit (SR5) or FMR06 bit (SR4) is set to “1”, the program and block erase command
cannot be accepted.
Table 18.5
Status Register
Status
Register
Bit
FMR0
Register
Bit
Status Name
Contents
Value
after
Reset
“0”
“1”
SR0 (D0)
−
Reserved
−−
−
SR1 (D1)
−
Reserved
−−
−
SR2 (D2)
−
Reserved
−−
−
SR3 (D3)
−
Reserved
−−
−
SR4 (D4)
FMR06
Program status Completed
normally
Error
0
SR5 (D5)
FMR07
Erase status
Completed
normally
Error
0
SR6 (D6)
−
Reserved
−−
−
SR7 (D7)
FMR00
Sequencer
status
Busy
Ready
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com