Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 229Page - Renesas Technology Corp R8C/16 Datasheet HTML 230Page - Renesas Technology Corp R8C/16 Datasheet HTML 231Page - Renesas Technology Corp R8C/16 Datasheet HTML 232Page - Renesas Technology Corp R8C/16 Datasheet HTML 233Page - Renesas Technology Corp R8C/16 Datasheet HTML 234Page - Renesas Technology Corp R8C/16 Datasheet HTML 235Page - Renesas Technology Corp R8C/16 Datasheet HTML 236Page - Renesas Technology Corp R8C/16 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 279 page
background image
R8C/16 Group, R8C/17 Group
19. Electrical Characteristics
Rev.2.10
Jan 19, 2006
Page 220 of 254
REJ09B0169-0210
19. Electrical Characteristics
NOTES:
1.
VCC = AVCC = 2.7 to 5.5V at Topr = -20 to 85
°C / -40 to 85 °C, unless otherwise specified.
2.
The typical values when average output current is 100ms.
3.
Hold VCC = AVCC.
Table 19.1
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated value
Unit
VCC
Supply Voltage
VCC = AVCC
-0.3 to 6.5
V
AVCC
Analog Supply Voltage
VCC = AVCC
-0.3 to 6.5
V
VI
Input Voltage
-0.3 to VCC+0.3
V
VO
Output Voltage
-0.3 to VCC+0.3
V
Pd
Power Dissipation
Topr = 25
°C300
mW
Topr
Operating Ambient Temperature
-20 to 85 / -40 to 85 (D version)
°C
Tstg
Storage Temperature
-65 to 150
°C
Table 19.2
Recommended Operating Conditions
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC
Supply Voltage
2.7
−
5.5
V
AVCC
Analog Supply Voltage
−
VCC(3)
−
V
VSS
Supply Voltage
−
0
−
V
AVSS
Analog Supply Voltage
−
0
−
V
VIH
Input “H” Voltage
0.8VCC
−
VCC
V
VIL
Input “L” Voltage
0
−
0.2VCC
V
IOH(sum)
Peak Sum
Output “H”
Current
Sum of All
Pins IOH (peak)
−−
-60
mA
IOH(peak)
Peak Output “H” Current
−−
-10
mA
IOH(avg)
Average Output “H” Current
−−
-5
mA
IOL(sum)
Peak Sum
Output “L”
Currents
Sum of All
Pins IOL (peak)
−−
60
mA
IOL(peak)
Peak Output “L”
Currents
Except P1_0 to P1_3
−−
10
mA
P1_0 to P1_3
Drive Capacity HIGH
−−
30
mA
Drive Capacity LOW
−−
10
mA
IOL(avg)
Average Output
“L” Current
Except P1_0 to P1_3
−−
5mA
P1_0 to P1_3
Drive Capacity HIGH
−−
15
mA
Drive Capacity LOW
−−
5mA
f(XIN)
Main Clock Input Oscillation Frequency
3.0V
≤ VCC ≤ 5.5V
0
−
20
MHz
2.7V
≤ VCC < 3.0V
0
−
10
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com