Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 233Page - Renesas Technology Corp R8C/16 Datasheet HTML 234Page - Renesas Technology Corp R8C/16 Datasheet HTML 235Page - Renesas Technology Corp R8C/16 Datasheet HTML 236Page - Renesas Technology Corp R8C/16 Datasheet HTML 237Page - Renesas Technology Corp R8C/16 Datasheet HTML 238Page - Renesas Technology Corp R8C/16 Datasheet HTML 239Page - Renesas Technology Corp R8C/16 Datasheet HTML 240Page - Renesas Technology Corp R8C/16 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 279 page
background image
R8C/16 Group, R8C/17 Group
19. Electrical Characteristics
Rev.2.10
Jan 19, 2006
Page 224 of 254
REJ09B0169-0210
Figure 19.2
Time delay from Suspend Request until Erase Suspend
NOTES:
1.
The measurement condition is VCC = AVCC = 2.7V to 5.5V and Topr = -40
°C to 85 °C.
2.
Necessary time until the voltage detection circuit operates when setting to “1” again after setting the VCA26 bit in the VCA2
register to “0”.
3.
Hold Vdet2 > Vdet1.
NOTES:
1.
The measurement condition is VCC = AVCC = 2.7V to 5.5V and Topr = -40
°C to 85 °C.
2.
Time until the voltage monitor 2 interrupt request is generated since the voltage passes Vdet1.
3.
Necessary time until the voltage detection circuit operates when setting to “1” again after setting the VCA27 bit in the VCA2
register to “0”.
4.
Hold Vdet2 > Vdet1.
Table 19.6
Voltage Detection 1 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage Detection Level(3)
2.70
2.85
3.00
V
−
Voltage Detection Circuit Self Power Consumption
VCA26 = 1, VCC = 5.0V
−
600
−
nA
td(E-A)
Waiting Time until Voltage Detection Circuit Operation
Starts(2)
−−
100
µs
Vccmin
Microcomputer Operating Voltage Minimum Value
2.7
−−
V
Table 19.7
Voltage Detection 2 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage Detection Level(4)
3.00
3.30
3.60
V
−
Voltage Monitor 2 Interrupt Request Generation Time(2)
−
40
−µs
−
Voltage Detection Circuit Self Power Consumption
VCA27 = 1, VCC = 5.0V
−
600
−
nA
td(E-A)
Waiting Time until Voltage Detection Circuit Operation
Starts(3)
−−
100
µs
FMR46
Erase-Suspend Request
(Maskable interrupt Request)
td(SR-ES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com