Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 254Page - Renesas Technology Corp R8C/16 Datasheet HTML 255Page - Renesas Technology Corp R8C/16 Datasheet HTML 256Page - Renesas Technology Corp R8C/16 Datasheet HTML 257Page - Renesas Technology Corp R8C/16 Datasheet HTML 258Page - Renesas Technology Corp R8C/16 Datasheet HTML 259Page - Renesas Technology Corp R8C/16 Datasheet HTML 260Page - Renesas Technology Corp R8C/16 Datasheet HTML 261Page - Renesas Technology Corp R8C/16 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 279 page
background image
R8C/16 Group, R8C/17 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 245 of 254
REJ09B0169-0210
20.7
A/D Converter
• Write to each bit (other than bit 6) in the ADCON0 register, each bit in the ADCON1 register, or the
SMP bit in the ADCON2 register when the A/D conversion stops (before a trigger occurs).
When the VCUT bit in the ADCON1 register is changed from “0” (VREF not connected) to “1”
(VREF connected), wait for at least 1
µs or longer before the A/D conversion starts.
• When changing A/D operating mode, select an analog input pin again.
• When using in one-shot mode. Ensure that the A/D conversion is completed and read the AD
register. The IR bit in the ADIC register or the ADST bit in the ADCON0 register can determine
whether the A/D conversion is completed.
• When using In repeat mode, use the undivided main clock for the CPU clock.
• If setting the ADST bit in the ADCON0 register to “0” (A/D conversion stops) by a program and the A/
D conversion is forcibly terminated during the A/D conversion operation, the conversion result of the
A/D converter will be indeterminate. If the ADST bit is set to “0” by a program, do not use the value of
AD register.
• Connect 0.1µF capacitor between the AVCC/VREF pin and AVSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com