Electronic Components Datasheet Search
  English  ▼

X  

R8C/16 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # R8C/16
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/16 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button R8C/16 Datasheet HTML 256Page - Renesas Technology Corp R8C/16 Datasheet HTML 257Page - Renesas Technology Corp R8C/16 Datasheet HTML 258Page - Renesas Technology Corp R8C/16 Datasheet HTML 259Page - Renesas Technology Corp R8C/16 Datasheet HTML 260Page - Renesas Technology Corp R8C/16 Datasheet HTML 261Page - Renesas Technology Corp R8C/16 Datasheet HTML 262Page - Renesas Technology Corp R8C/16 Datasheet HTML 263Page - Renesas Technology Corp R8C/16 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 279 page
background image
R8C/16 Group, R8C/17 Group
20. Precautions
Rev.2.10
Jan 19, 2006
Page 247 of 254
REJ09B0169-0210
NOTES:
1. Do not use the address match interrupt while the command is executed because the vector of the
address match interrupt is allocated on ROM.
2. Do not use the non-maskable interrupt while Block 0 is automatically erased because the fixed
vector is allocated Block 0.
Table 20.2
Interrupt in EW1 Mode
Mode
Status
When maskable interrupt
request is acknowledged
When watchdog timer, oscillation
stop detection and voltage monitor 2
interrupt request are acknowledged
EW1 During automatic erasing
(erase- suspend function
is enabled)
The auto-erasing is suspended
af te r t d (SR-ES) an d the
interrupt process is executed.
T he aut o-e r a s ing can be
restarted by setting the FMR41
bit in the FMR4 regist er to
“0” ( erase r e start) afte r the
interrupt process completes.
On ce an int e rr up t r equ est is
ackn owle dg ed ,
th e
a u to -
programming or auto-erasing is
forcibly stopped immediately and
res e t s the flash memory. An
interrupt process starts after the
fixed period and the flash memory
restarts. Since the block during the
auto-erasing or the address during
the auto-programming is forcibly
stopped, the normal value may not
be read. Execute the auto-erasing
again and ensure the auto-erasing is
completed normally.
Since the watchdog timer does not
stop during the command operation,
the interrupt re qu est ma y be
generated. Reset the watchdog
timer regularly using the erase-
suspend function.
During automatic erasing
(erase- suspend function
is disabled)
The auto-erasing has a priority
an d t he in ter r up t re qu est
acknowledgement is waited.
T he in terr up t pro c e ss is
executed after the auto-erasing
completes. Refer to 20.8.1.9
Interrupt Request Generation
during Auto-erase Operation
in EW1 Mode
.
Auto programming
The auto-programming has a
priority and the interrupt request
acknowledgement is waited.
T he in terr up t pro c e ss is
ex ecu t ed af te r t he au to-
programming completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com