Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 32Page - Renesas Technology Corp 3822 Datasheet HTML 33Page - Renesas Technology Corp 3822 Datasheet HTML 34Page - Renesas Technology Corp 3822 Datasheet HTML 35Page - Renesas Technology Corp 3822 Datasheet HTML 36Page - Renesas Technology Corp 3822 Datasheet HTML 37Page - Renesas Technology Corp 3822 Datasheet HTML 38Page - Renesas Technology Corp 3822 Datasheet HTML 39Page - Renesas Technology Corp 3822 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 328 page
background image
1-21
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3822 Group
TIMERS
The 3822 group has five timers: timer X, timer Y, timer 1, timer 2,
and timer 3. Timer X and timer Y are 16-bit timers, and timer 1,
timer 2, and timer 3 are 8-bit timers.
All timers are down count timers. When the timer reaches “0016”,
an underflow occurs at the next count pulse and the correspond-
ing timer latch is reloaded into the timer and the count is contin-
ued. When a timer underflows, the interrupt request bit corre-
sponding to that timer is set to “1”.
Read and write operation on 16-bit timer must be performed for
both high and low-order bytes. When reading a 16-bit timer, read
the high-order byte first. When writing to a 16-bit timer, write the
low-order byte first. The 16-bit timer cannot perform the correct op-
eration when reading during the write operation, or when writing
during the read operation.
Fig. 17 Timer block diagram
CNTR0 active
edge switch bit
Timer 1 count source
selection bit
Real time port
control bit “0”
“1”
P55/CNTR1
“0”
f(XIN)/16
(f(XCIN)/16 in low-speed modeV)
CNTR1 active
edge switch bit
“10”
Timer Y stop
control bit
Falling edge detection
Period
measurement mode
Timer Y
interrupt
request
Pulse width HL continuously measurement mode
Rising edge detection
“00”,“01”,“11”
Timer Y operating
mode bit
Timer X
interrupt
request
Timer X mode register
write signal
P54/CNTR0
Q
Q
T
S
P54 direction register
Pulse output mode
P54 latch
Timer X stop
control bit
“0”
“1”
Timer X write
control bit
Q D
Latch
Q D
Latch
“1”
“0”
“1”
“10”
Timer X operat-
ing mode bit
“00”,“01”,“11”
f(XIN)/16
(f(XCIN)/16 in low-speed modeV)
Pulse width
measurement
mode
CNTR0 active
edge switch bit
Pulse output mode
Q
Q
T
S
“0”
P56 direction register
P56 latch
“1”
TOUT output
active edge
switch bit “0”
Timer 2 write
control bit
“0”
“1”
TOUT output
control bit
“1”
P56/TOUT
XCIN
Timer 3 count
source selection bit
“0”
“1”
Timer 2
interrupt
request
Timer 3
interrupt
request
TOUT output control bit
Timer 2 count source
selection bit
Timer 1
interrupt
request
Data bus
f(XIN)/16
(f(XCIN)/16 in low-speed modeV)
f(XIN)/16
(f(XCIN)/16 in low-speed modeV)
f(XIN)/16(f(XCIN)/16 in low-speed modeV)
VInternal clock
φ = XCIN/2.
CNTR0
interrupt
request
CNTR1
interrupt
request
Timer Y operating mode bit
“00”,“01”,“10”
“11”
P60 direction register “0”
Real time port
control bit “1”
P60
P60 latch
P61 direction register “0”
Real time port
control bit “1”
P61
P61 latch
P60 data for real time port
P61 data for real time port
Timer Y (low) (8)
Timer Y (high) (8)
Timer 3 latch (8)
Timer 3 (8)
Timer 1 latch (8)
Timer 1 (8)
Timer 2 latch (8)
Timer 2 (8)
Timer X (low) (8)
Timer X (high) (8)
Timer X (low) latch (8)
Timer X (high) latch (8)
Timer Y (low) latch (8)
Timer Y (high) latch (8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com