Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 73Page - Renesas Technology Corp 3822 Datasheet HTML 74Page - Renesas Technology Corp 3822 Datasheet HTML 75Page - Renesas Technology Corp 3822 Datasheet HTML 76Page - Renesas Technology Corp 3822 Datasheet HTML 77Page - Renesas Technology Corp 3822 Datasheet HTML 78Page - Renesas Technology Corp 3822 Datasheet HTML 79Page - Renesas Technology Corp 3822 Datasheet HTML 80Page - Renesas Technology Corp 3822 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 328 page
background image
2.1 I/O pins
APPLICATION
3822 GROUP USER’S MANUAL
2–11
With the exception that “L” is output using port D for key input (refer to “Figure 2.1.12 (A)”), the basic
structure is the same as that shown in (1).
The examples shown in (1) and (2) are already put into practical use. However, be sure to evaluate
them on the user’s side.
In this example, the ports are the same structure as the equivalent circuit which a pull-up resistor of
about 1 k
is connected.
Fig. 2.1.12 Timing diagram 2 where switch A is pressed
CMOS I/O
port A
“L” output
“H” output
Port input
Charge time
t2
T
“H” output
Charge time
t2
CMOS I/O
port B
“L” output
“H” output
Input
Input
“H” output
CMOS I/O
port D
“L” output
“H” output
“L” output
“H” output
CMOS I/O
port C
“L” output
“H” output
Input
Input
“H” output
“L” output
(A)
(A)
’
Œ
Ž


‘
t1
Input port state
Input
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com